Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices AD9082 Datasheet HTML 30Page - Analog Devices AD9082 Datasheet HTML 31Page - Analog Devices AD9082 Datasheet HTML 32Page - Analog Devices AD9082 Datasheet HTML 33Page - Analog Devices AD9082 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD9082
Data Sheet
Rev. C | Page 30 of 36
SNR = 50.8dBFS
HD2 = –55dBFS
NSD = –145.9dBFS/Hz
HD3 = –63dBFS
FREQUENCY (GHz)
0
0.3
0.60.9
1.21.5
1.82.1
2.42.7
3.0
–120
–100
–80
–60
–40
–20
0
Figure 48. Single-Tone FFT at fIN = 5.4 GHz
SNR = 49.7dBFS
HD2 = –54dBFS
NSD = –144.5dBFS/Hz
HD3 = –65dBFS
FREQUENCY (GHz)
0
0.3
0.60.9
1.21.5
1.82.1
2.42.7
3.0
–120
–100
–80
–60
–40
–20
0
Figure 49. Single-Tone FFT at fIN = 6.3 GHz
SNR = 48.8dBFS
HD2 = –54dBFS
NSD = –143.6dBFS/Hz
HD3 = –62dBFS
FREQUENCY (GHz)
0
0.3
0.60.9
1.21.5
1.82.1
2.42.7
3.0
–120
–100
–80
–60
–40
–20
0
Figure 50. Single-Tone FFT at fIN = 7.2 GHz
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
AIN (dBFS)
–80–72
–64–56
–48–40
–32–24
–16
–8
0
–40
–20
0
20
40
60
80
100
Figure 51. Single-Tone SFDR and SNR vs. AIN at fIN = 5.4 GHz
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
AIN (dBFS)
–80–72
–64–56
–48–40
–32–24
–16
–8
0
–40
–20
0
20
40
60
80
100
Figure 52. Single-Tone SFDR and SNR vs. AIN at fIN = 6.3 GHz
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
AIN (dBFS)
–80
–72
–64
–56
–48
–40
–32
–24
–16
–8
0
–40
–20
0
20
40
60
80
100
Figure 53. Single-Tone SFDR and SNR vs. AIN at fIN = 7.2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com