Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD9082
Rev. C | Page 7 of 36
DAC SAMPLE RATE SPECIFICATIONS
Nominal supplies. For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply. For the typical values,
TA = 25°C, unless otherwise noted.
Table 7. DAC Sample Rate Specifications
Parameter
Min
Typ
Max
Unit
DAC SAMPLE RATE1
Minimum
2.9
GSPS
Maximum
12
GSPS
1 Pertains to the update rate of the DAC core independent of the datapath and JESD204 mode configuration.
ADC SAMPLE RATE SPECIFICATIONS
Nominal supplies. For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply. For the typical values,
TA = 25°C, unless otherwise noted.
Table 8. ADC Sample Rate Specifications
Parameter
Min
Typ
Max
Unit
ADC SAMPLE RATE1
Minimum
1.45
GSPS
Maximum
6
GSPS
Aperture Jitter2
65
fs rms
1 Pertains to the update rate of the ADC core independent of the datapath and JESD204 mode configuration.
2 Measured using a signal-to-noise ratio (SNR) degradation method with the DAC disabled, clock divider = 1, fADC = 6 GSPS, and input frequency (fIN) = 5.55 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com