Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9082 Datasheet HTML 2Page - Analog Devices AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9082
Data Sheet
Rev. C | Page 6 of 36
CLOCK INPUTS AND OUTPUTS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted. For the typical values,
TA = 25°C, which corresponds to TJ = 80°C, unless otherwise noted.
Table 5. Clock Inputs and Outputs
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK INPUTS
CLKINP and CLKINN
Differential Input Power
Direct RF clock
Minimum
0
dBm
Maximum
6
dBm
Common-Mode Voltage
AC-coupled
0.5
V
Differential Input Resistance
100
Ω
Differential Input Capacitance
0.3
pF
CLOCK OUTPUTS (ADC CLOCK DRIVER)
ADCDRVP and ADCDRVN
Differential Output Voltage Magnitude1
1.5 GHz
740
mV p-p
2.0 GHz
690
mV p-p
3 GHz
640
mV p-p
6 GHz
490
mV p-p
Differential Output Resistance
100
Ω
Common-Mode Voltage
AC-coupled
0.5
V
1 Measured with a differential 100 Ω load and less than 2 mm of printed circuit board (PCB) trace from the package ball.
CLOCK INPUT AND PHASE-LOCKED LOOP (PLL) FREQUENCY SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted. For the typical values,
TA = 25°C, which corresponds to TJ = 80°C, unless otherwise noted.
Table 6. Clock Input and PLL Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK INPUTS (CLKINP, CLKINN)
FREQUENCY RANGES
25
12000
MHz
PHASE FREQUENCY DETECTOR
(PFD) INPUT FREQUENCY RANGES
25
750
MHz
FREQUENCY RANGES ACCORDING
TO CLOCK PATH CONFIGURATION
Direct Clock (PLL Off)
29001
12000
MHz
PLL Reference Clock (PLL On)2
M divider set to divide by 1
25
750
MHz
M divider set to divide by 2
50
1500
MHz
M divider set to divide by 3
75
2250
MHz
M divider set to divide by 4
100
3000
MHz
PLL VOLTAGE CONTROLLED
OSCILLATOR (VCO) FREQUENCY
RANGES
VCO Output2
D divider set to divide by 1
5.8
12
GHz
D divider set to divide by 2
2.9
6
GHz
D divider set to divide by 3
1.93333
4
GHz
D divider set to divide by 4
1.45
3
GHz
1 The minimum direct clock frequency is limited by the minimum DAC (core) sample rate, as specified in Table 7. The clock receiver can accommodate the full range
between the minimum PLL reference clock frequency and the maximum direct clock frequency.
2 Refer to the UG-1578 user guide for information on the M divider and the D divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com