Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices AD9082 Datasheet HTML 12Page - Analog Devices AD9082 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
AD9082
Rev. C | Page 9 of 36
NCO FREQUENCY SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 10.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM NCO CLOCK RATE
FDUC NCO
1.5
GHz
CDUC NCO
12
GHz
Fine Digital Downconverter (FDDC) NCO
1.5
GHz
Coarse Digital Downconverter (CDDC) NCO
6
GHz
MAXIMUM NCO SHIFT FREQUENCY RANGE
Channel NCO
Channel summing node = 1.5 GHz, channel interpolation
rate > 1×
−750
+750
MHz
Main DAC NCO
fDAC = 12 GHz, main interpolation rate > 1×
−6
+6
GHz
Main ADC NCO
fADC = 6 GHz, main decimation rate > 1×
−3
+3
GHz
MAXIMUM FREQUENCY SPACING BETWEEN
CHANNELS
Tx Channels
Maximum FDUC NCO clock rate × 0.81
1200
MHz
Rx Channels
Maximum FDDC NCO clock rate × 0.8142
1221
MHz
1 The 0.8 factor is because the total complex pass band of the first interpolation filter is 80% of the input data rate of the filter.
2 The 0.814 factor is because the total complex pass band of the decimation filter is 81.4% of the output data rate of the filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com