Electronic Components Datasheet Search
  English  ▼

X  

AD2426 Datasheet(PDF) 17 Page - Analog Devices

Part # AD2426
Description  Automotive Audio Bus (A2B) Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2426 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD2426 Datasheet HTML 13Page - Analog Devices AD2426 Datasheet HTML 14Page - Analog Devices AD2426 Datasheet HTML 15Page - Analog Devices AD2426 Datasheet HTML 16Page - Analog Devices AD2426 Datasheet HTML 17Page - Analog Devices AD2426 Datasheet HTML 18Page - Analog Devices AD2426 Datasheet HTML 19Page - Analog Devices AD2426 Datasheet HTML 20Page - Analog Devices AD2426 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AD2426/AD2427/AD2428
Rev. F
|
Page 17 of 38
|
November 2023
A2B BUS SYSTEM SPECIFICATION
Table 9. A2B System Specifications
Parameter
System Specification
Cable
Unshielded, single, twisted pair wire (UTP) with 100 Ω differential impedance.
Maximum Cable Length
System With a Mix of
AD240x/AD241x/AD242x/AD243x
Transceivers
Specification defined by the most restrictive data sheet.
System With Only
AD2426/AD2427/AD2428 Transceivers
80 m total, 15 m between nodes.
Maximum Number of Nodes
System With a Mix of
AD240x/AD241x/AD242x/AD243x
Transceivers
Specification defined by the most restrictive data sheet.
System With Only
AD2426/AD2427/AD2428 Transceivers
17 nodes (1 main node and 16 subordinate nodes).
Maximum Number of Audio Slots1
64 total, up to 32 upstream and 32 downstream slots, depending upon system design.
Number of Audio Channels per
Subordinate Node
Individually programmable 0 to 32 upstream channels and 0 to 32 downstream channels.
Synchronous A2B Data Slot Size
8, 12, 16, 20, 24, 28, or 32 bits to match I2S/TDM data-word lengths. Same slot size for all nodes.
Upstream and downstream can choose different slot sizes. 12-, 16-, or 20-bit slot sizes can carry
compressed data over the A
2B bus for 16-, 20-, or 24-bit I2S/TDM word lengths.
Audio Sampling Frequency
44.1 kHz to 48 kHz. All nodes sample synchronously. Subordinate node transceivers support sample
rates (fS) of 1× (48 kHz), 2× (96 kHz) or 4× (192 kHz), individually configured per subordinate.
To support 2× and 4× sampling rates in subordinates, the main transceiver uses two and four times
the number of I2S/TDM data channels as the 1× sampling frequency (fSYNCM) interface to the host.
Transceivers also support reduced rate sampling for 24 kHz, 12 kHz, 6 kHz, 4 kHz, 3 kHz, 2.4 kHz,
2 kHz, 1.71 kHz, or 1.5 kHz at a low latency 48 kHz superframe rate.
Discovery Time
Less than 35 ms per node. Much less than 560 ms for total system startup in a system with 16
subordinate nodes. Includes register initialization.
Maximum Bus Current per Node
Prior to Discovery Completion (IBUSDISC)
60 mA. Measured at the negative bias switch.
Maximum Total Bus Capacitance (CBUSDISC)70 μF.
Bit Error Detection
Robust error detection for control data and status data with 16-bit cyclic redundancy check (CRC).
Error Correction
Parity and line code error detection on synchronous data slots with audio error correction (repeat
of last known good data).
For 24-bit and 32-bit data channels, single error correction and double error detection (SECDED) of
synchronous data slots is possible.
Line Fault Diagnostics1
Location and cause of cable fault can be detected for A2B wires shorted to a high voltage (for
example, positive terminal of car battery), shorted to ground (for example, car chassis), wires
shorted to each other, wires reversed or open connection.
System EMI/EMC
Meets or exceeds industry specifications for robustness (ISO 11452-2, ISO 11452-4, ISO 7637-3) and
emissions (CISPR25).
System ESD Rating
Meets ISO 10605 severity levels.
1 See the AD2426/7/8 Automotive Audio Bus (A2B) Transceiver Technical Reference for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com