Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2140
Description  Power Conditioner for APL Field Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 4 Page - Analog Devices

  ADP2140 Datasheet HTML 1Page - Analog Devices ADP2140 Datasheet HTML 2Page - Analog Devices ADP2140 Datasheet HTML 3Page - Analog Devices ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
LT8440
analog.com
Rev. 0
4 of 22
(TA = 25°C, VIN = 9V, and VRTN = 0V, unless otherwise noted1.)
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
Level 4
34.1
36.8
39.4
mA
Level 5
32.5
35.1
37.7
mA
Level 6
30.9
33.4
36.1
mA
Level 7
29.7
32.1
34.8
mA
Level 8
28.4
30.9
33.4
mA
Level 9
27.3
29.7
32.3
mA
Level 10
26.3
28.7
31.3
mA
Level 11
25.3
27.7
30.3
mA
Level 12
24.3
26.7
29.3
mA
Level 13
23.4
25.9
28.4
mA
Level 14
22.6
25.0
27.6
mA
Level 15
21.7
24.2
26.7
mA
Level 16
20.9
23.4
25.9
mA
Level 17
–55°C ≤ TA≤ 150°C
20.2
22.7
25.2
mA
LINE Voltage Threshold
(Rising)
Levels 1–2
10.14
10.5
10.82
V
Levels 2–3
10.62
11
11.41
V
Levels 3–4
11.12
11.5
11.91
V
Levels 4–5
11.65
12
12.36
V
Levels 5–6
12.16
12.5
12.84
V
Levels 6–7
12.59
13
13.42
V
Levels 7–8
13.12
13.5
13.88
V
Levels 8–9
13.62
14
14.37
V
Levels 9–10
14.07
14.5
14.92
V
Levels 10–11
14.57
15
15.43
V
Levels 11–12
15.05
15.5
15.93
V
Levels 12–13
15.5
16
16.48
V
Levels 13–14
16.02
16.5
16.96
V
Levels 14–15
16.52
17
17.45
V
Levels 15–16
17.02
17.5
17.95
V
Levels 16–17
17.51
18
18.45
V
LINE Voltage Threshold
Hysteresis
80
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com