Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2140
Description  Power Conditioner for APL Field Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices ADP2140 Datasheet HTML 10Page - Analog Devices ADP2140 Datasheet HTML 11Page - Analog Devices ADP2140 Datasheet HTML 12Page - Analog Devices ADP2140 Datasheet HTML 13Page - Analog Devices ADP2140 Datasheet HTML 14Page - Analog Devices ADP2140 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
LT8440
analog.com
Rev. 0
11 of 22
OPERATION
Overview
Ethernet-APL (Advanced Physical Layer) is a standardized 2-Wire Ethernet physical layer based on 10BASE-T1L
(IEEE802.3cg). It can transmit both signal and power over long distances in hazardous or explosive environments.
APL enables direct and high-speed connection of field devices to Ethernet infrastructure for the process industry.
Figure 23 shows an exemplary APL topology. The field devices connect to field switches through the spur connections
up to the 200m distance, and field switches connect to the power switch or other field switches through the trunk
connection up to the 1000m distance.
Figure 23.Exemplary APL Topology
LT8440 power conditioner is designed for Class A field devices with intrinsic safety Ex ia (APL port class SLAA), which
should be used in Zone 0/Div 1 hazardous area. With three LT8440s in series, it protects the field device from two
countable faults, and optimizes the power delivery while maintaining compliance with APL and Intrinsic Safety.
Across the voltage range, it maintains ≥500mW power available to the load but also limits <650mW from the port at
fault.
Theory of Operation
The LT8440 should be positioned in the return path of the load current for a power port in an ethernet field device
such that the current enters the RTP pins and exits through the RTN pins. The part includes a resistor for measuring
the current drawn through the port and a pass transistor for regulating that current. The pass transistor will be driven
to full enhancement to minimize the voltage across its source and drain until the current rises to a limit that varies
with the line voltage sensed by LINEA and LINEB pins. The limitation of current and, ultimately, power by means of
the pass device facilitates certification for intrinsic safety because failing components would otherwise have to
dissipate the full power available from the power-sourcing equipment.
The collection of APL and Intrinsic Safety requirements limit the permitted current in the field device to between
55mA and 20mA, and the permitted power to between 500mW and 5.32W. Under all these conditions, including fault
scenarios, the field device must not exceed allowed self-heating temperatures. The optimal way to meet all the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com