Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2140
Description  Power Conditioner for APL Field Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 3Page - Analog Devices ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices ADP2140 Datasheet HTML 10Page - Analog Devices ADP2140 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
LT8440
analog.com
Rev. 0
7 of 22
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
θJA
= 39.3°C/W, θJCTOP = 80.9°C/W, θJCBOT = 5.8°C/W
THE EXPOSED PAD (PIN 9) IS RTN AND MUST BE SOLDERED TO PCB.
Figure 4. Pin Configuration
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1, 2
LINEA,
LINEB
Connect each of these pins through their own resistors to the terminals of the twisted
pair to sense the line voltage. The resistors should be around 20kΩ. A smaller
resistance is insufficient for intrinsic safety if the LT8440 is damaged, and a larger
resistor negatively impacts the accuracy of the voltage measurement. The polarity of
the connection to the twisted pair does not matter. The LT8440 will adjust the limit for
the current it allows through the internal pass device according to the absolute voltage
between these pins.
3, 4,
9 (EP)
RTN
Connect these pins to the RTP pins of another instance of the LT8440 or to the return
terminal of the rectifier for the twisted pair. The current for the load circuits will exit
from these pins after passing through the LT8440.
5
RTP
Connect these pins to the RTN pins of another instance of the LT8440 or to the
common return path for all the field device load circuits.
6
COMP
Optional pin for additional compensation of the shunt regulation loop. If unused, leave
it floating. See the Applications Information section for more details.
7
SHUNT
Connect this pin to load positive. The internal shunt transistor will draw current as
necessary to maintain about 500mW through the rectifier for the twisted pair. Optional
resistors can reduce the power dissipation of LT8440. If unused, leave it floating.
8
VIN
The quiescent current for the LT8440 is drawn through this pin, where the input
voltage is applied. Connect it to the output of the rectifier of the twisted pair through a
resistor. The resistor should be around 15kΩ. A smaller resistor is insufficient for
intrinsic safety if the LT8440 is damaged, and a larger resistor limits the LT8440's
operating range unnecessarily. See the Applications Information for more details on
how to select this resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com