Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2140
Description  Power Conditioner for APL Field Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 14Page - Analog Devices ADP2140 Datasheet HTML 15Page - Analog Devices ADP2140 Datasheet HTML 16Page - Analog Devices ADP2140 Datasheet HTML 17Page - Analog Devices ADP2140 Datasheet HTML 18Page - Analog Devices ADP2140 Datasheet HTML 19Page - Analog Devices ADP2140 Datasheet HTML 20Page - Analog Devices ADP2140 Datasheet HTML 21Page - Analog Devices ADP2140 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
LT8440
analog.com
Rev. 0
21 of 22
ORDERING GUIDE
Table 7. Ordering Guide
PART NUMBER
TAPE ANDREEL1
PART MARKING
PACKAGE
DESCRIPTION
MSL RATING
TEMPERATURE
RANGE2
LT8440RS8E#PBF LT8440RS8E#TRPBF
8440
8-Lead
Narrow SOIC
3
–55°C to 150°C
1.
Tape and reel specifications. This package is available in 500-unit reels through designated sales channels with
the #TRMPBF suffix.
2.
The LT8440R is specified over the −55°C to 150°C junction temperature range. High junction temperatures degrade
operating lifetimes; operating lifetime is derated for junction temperatures greater than 150°C. Note that the
maximum ambient temperature consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal impedance and other environmental
factors.
RELATED PARTS
Table 8. Related Parts
PART NUMBER
DESCRIPTION
COMMENTS
ADIN1100
Robust, Industrial, 10BASE-T1L
Ethernet PHY
IEEE 802.3cg-2019 compliant, low power, 40-lead
6mm × 6mm LFCSP
ADIN1110
Robust, Industrial, 10BASE-T1L
Ethernet MAC-PHY
IEEE 802.3cg-2019 compliant, ultralow power,
40-lead 6mm × 6mm LFCSP
LTC9111
Industrial SPoE PD Controller
IEEE 802.3cg compliant, 2.3V to 60V input, support
SCCP, 12-Pin MSOP or 4mm × 3mm DFN
LT8606/
LT8606B
42V, 350mA Synchronous
Step-Regulator with 2.5µA
Quiescent Current
VIN = 3V to 42V, IQ = 2.5µA, VOUT(MIN) = 0.8V, MSOP-10
or 2mm × 2mm DFN
LTC3315B
Dual 5V, 2A Synchronous Step-Down
DC/DCs
VIN = 2.25V to 5.5V, VOUT(MIN) = 0.5V, 2mm × 2mm LQFN
ADP2140
3 MHz, 600mA, Low Quiescent Current
Buck with 300mA LDO Regulator
Buck output 1.5V to 3.3V, LDO output 0.8V to 3.3V,
3mm × 3mm LFCSP
MAX25210
Automotive Ultra Low Quiescent
Current Linear Regulator Family
VIN = 3.5V to 36V, fixed (3.3V or 5V) or adjustable
output, up to 300mA, 3mm × 3mm TQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com