Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2140
Description  Power Conditioner for APL Field Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 9Page - Analog Devices ADP2140 Datasheet HTML 10Page - Analog Devices ADP2140 Datasheet HTML 11Page - Analog Devices ADP2140 Datasheet HTML 12Page - Analog Devices ADP2140 Datasheet HTML 13Page - Analog Devices ADP2140 Datasheet HTML 14Page - Analog Devices ADP2140 Datasheet HTML 15Page - Analog Devices ADP2140 Datasheet HTML 16Page - Analog Devices ADP2140 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
LT8440
analog.com
Rev. 0
13 of 22
APPLICATIONS INFORMATION
Very few components are required to configure the LT8440 for use in a load power port of an intrinsically safe field
device and limit the power drawn by the port according to the Advanced Physical Layer standard. The following
sections are intended to guide the selection of those components.
Input Frontend Design
Figure 24 shows a typical field device frontend design. The cable shield is directly connected to the field device's
chassis. A TVS diode D1 protects any surge or ESD event on a twisted pair. The trip voltage of D1 should be higher
than 17.5V to not interfere with normal operation, while it should be low enough to still protect the circuits following.
A common-mode choke L1 suppresses the common-mode noise.
After L1, a diode bridge is used to eliminate polarity sensitivity at the module input. An additional diode, D6, is used
to block the spark energy when faults happen in the diode bridge. The LINEA/LINEB pins of LT8440 can be connected
either before or after the diode bridge. Connecting them before the diode bridge improves the accuracy of voltage
sensing. However, in this configuration, a two-point failure scenario where LINEA/LINEB shorts to SHUNT and RTP,
respectively, can form a leakage path from the input port to the load capacitor through LINEA/LINEB resistors. If the
total capacitance on the load side is large, LINEA/LINEB pins should be connected after the diode bridge, as shown
in Figure 25. Note that if a fault happens after the diode bridge, according to IEC60079, D2~D6 should be able to
withstand 1.5x of the worst-case stress. The worst-case voltage/current is 17.5V/380mA. Therefore, the diodes should
be rated to at least 26.25V/570mA. Also be aware that the diode drops reduce the total available power to the load,
as well as the minimum input voltage of LT8440. Schottky diodes can be used instead, to have less voltage drop.
However, Schottky diodes usually have a significantly higher leakage current at hot temperatures, and these
leakages cannot be sensed by LT8440.
Figure 24.Typical Field Device Frontend Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com