Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2140
Description  Power Conditioner for APL Field Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 1 Page - Analog Devices

  ADP2140 Datasheet HTML 1Page - Analog Devices ADP2140 Datasheet HTML 2Page - Analog Devices ADP2140 Datasheet HTML 3Page - Analog Devices ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
LT8440
Power Conditioner for APL Field Devices
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
O n e A n al o g Wa y, Wi lm i ngt o n, M A 01887 - 2356, U . S .A .
T el : 781. 329. 4700
© 2024 A n a l o g D evi c es , In c . Al l ri gh t s r es erv ed.
FEATURES
650mW Power Limit for Intrinsic Safety Thermal
Rating when Line Voltage ≤ 18.5V
35mA Current Limit if Line Voltage > 18.5V
55mA Current Limit for APL Class A Devices
Shunt Regulator for Mitigating Load Changes
Guaranteed 20mA Rectifier Current for Signal
Integrity
Guaranteed to deliver full 500mW APL power to
the load
6V to 36V Input Voltage
Integrated Current Sense Resistor
Polarity Insensitive Line Voltage Detection
8-Lead SOIC Package with Exposed Pad
APPLICATIONS
Industrial Ethernet
Advanced Physical Layer
Current Limiting
GENERAL DESCRIPTION
The LT8440 is a power conditioner for intrinsically safe,
industrial ethernet ports in hazardous or explosive
environments. The internal pass transistor is normally
fully enhanced to deliver power to the load efficiently. In
case of load circuit failures, the FET is modulated to limit
the power to less than 650mW if line voltage ≤ 18.5V or
less than 35mA if line voltage > 18.5V. The internal shunt
transistor draws current parallel with the load up to the
500mW minimum guaranteed for Class A load power
ports in compliance with Advanced Physical Layer (APL)
standard or to 20mA minimum guaranteed if line
voltage > 18.5V. The line voltage is sensed with two input
pins that are insensitive to polarity, which can be
connected in front of the port rectifier and incorporate
the rectifier power consumption in the limitation of total
power. The line current is measured as a voltage across
the internal sense resistor, and the shunt current and
the current limit are automatically adjusted for line
voltage.
The LT8440 is packaged in an 8-lead SOIC with pin
spacing that satisfies the device under coating
specification so that shorts from pin to pin are
countable faults when the circuit is examined for
intrinsic safety at the highest levels of protection.
TYPICAL APPLICATION
Figure 1. APL Field Device Port Power Conditioner
Figure 2. Regulation and Limit Current
PMAX = 650mW
APL PPL(MIN) = 500mW
LIMIT MODE
SHUNT REGULATION MODE
LINE VOLTAGE (V)
8
9
10
11
12
13
14
15
16
17
18
19
20
0
10
20
30
40
50
60


Similar Part No. - ADP2140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP2140ACPZ1218R7 AD-ADP2140ACPZ1218R7 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP2140ACPZ1228R7 AD-ADP2140ACPZ1228R7 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP2140ACPZ1233R7 AD-ADP2140ACPZ1233R7 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP2140ACPZ1528R7 AD-ADP2140ACPZ1528R7 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
More results

Similar Description - ADP2140

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC08-1 PF-ARS11-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC08-2 PF-ARS11-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-1 PF-ARS11-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-2 PF-ARS11-B2-IC16-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-2 PF-ARS11-B2-IC24-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-1 PF-ARS12-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-2 PF-ARS12-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC16-1 PF-ARS12-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC24-1 PF-ARS12-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com