Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2140
Description  Power Conditioner for APL Field Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 3 Page - Analog Devices

  ADP2140 Datasheet HTML 1Page - Analog Devices ADP2140 Datasheet HTML 2Page - Analog Devices ADP2140 Datasheet HTML 3Page - Analog Devices ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
LT8440
analog.com
Rev. 0
3 of 22
SPECIFICATIONS
Table 1. Electrical Characteristics
(TA = 25°C, VIN = 9V, and VRTN = 0V, unless otherwise noted1.)
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
Operating Input Voltage
Range
6
36
V
VIN Quiescent Current
VLINEA = 20V, VLINEB= 0V
-55°C ≤ TA≤ 150°C
120
200
µA
LINEA Pin Current
VLINEA = 15V, VLINEB = 0V
30
40
µA
LINEB Pin Current
VLINEB = 15V, VLINEA = 0V
30
40
µA
RTP to RTN Pass-Through
Resistance
VLINEA = 0V, VLINEB = 8V,
IRTP = 30mA
4
Ω
Current Limit
|VLINEA–VLINEB| = 0.5V
0
|VLINEA–VLINEB| = 9V
-55°C ≤ TA≤ 150°C
49.5
52.1
55
mA
Level 1
49.5
52.1
55
mA
Level 2
48.3
51.1
54.2
mA
Level 3
46.8
49.6
52.7
mA
Level 4
44.9
47.6
50.7
mA
Level 5
43.0
45.6
48.7
mA
Level 6
41.0
43.6
46.7
mA
Level 7
39.6
42.1
45.2
mA
Level 8
38.1
40.6
43.7
mA
Level 9
36.7
39.2
42.3
mA
Level 10
35.6
37.9
41.1
mA
Level 11
34.4
36.7
39.9
mA
Level 12
33.2
35.5
38.7
mA
Level 13
32.3
34.5
37.7
mA
Level 14
31.3
33.5
36.7
mA
Level 15
30.3
32.5
35.7
mA
Level 16
29.3
31.5
34.7
mA
Level 17
28.5
30.6
33.8
mA
Shunt Regulated Current
|VLINEA–VLINEB| = 0.5V
0
|VLINEA–VLINEB| = 9V
37.7
40.5
43.3
mA
Level 1
37.7
40.5
43.3
mA
Level 2
36.9
39.7
42.4
mA
Level 3
35.7
38.4
41.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com