Electronic Components Datasheet Search
  English  ▼

X  

AD9171 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9171
Description  Dual, 16-Bit, 6.2 GSPS RF DAC with Single Channelizer
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9171 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9171 Datasheet HTML 14Page - Analog Devices AD9171 Datasheet HTML 15Page - Analog Devices AD9171 Datasheet HTML 16Page - Analog Devices AD9171 Datasheet HTML 17Page - Analog Devices AD9171 Datasheet HTML 18Page - Analog Devices AD9171 Datasheet HTML 19Page - Analog Devices AD9171 Datasheet HTML 20Page - Analog Devices AD9171 Datasheet HTML 21Page - Analog Devices AD9171 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 134 page
background image
Data Sheet
AD9171
TERMINOLOGY
analog.com
Rev. C | 18 of 134
Integral Nonlinearity (INL)
INL is the maximum deviation of the actual analog output from the
ideal output, determined by a straight line drawn from zero scale to
full scale.
Differential Nonlinearity (DNL)
DNL is the measure of the variation in analog value, normalized to
full scale, associated with a 1 LSB change in digital input code.
Offset Error
Offset error is the deviation of the output current from the ideal
value of 0 mA. For DACx+, a 0 mA output is expected when all
inputs are set to 0. For DACx−, a 0 mA output is expected when all
inputs are set to 1.
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the difference between the
output when the input is at its minimum code and the output when
the input is at its maximum code.
Output Compliance Range
The output compliance range is the range of allowable voltages at
the output of a current output DAC. Operation beyond the maximum
compliance limits can cause either output stage saturation or break-
down, resulting in nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (25°C) value to the value at either TMIN or TMAX. For offset
and gain drift, the drift is reported in parts per million of full-scale
range (FSR) per degree Celsius. For reference drift, the drift is
reported in parts per million per degrees Celsius.
Settling Time
Settling time is the time required for the output to reach and remain
within a specified error band around its final value, measured from
the start of the output transition.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the peak amplitude
of the output signal and the peak spurious signal within the dc
to Nyquist frequency of the DAC. Typically, energy in this band
is rejected by the interpolation filters. This specification, therefore,
defines how well the interpolation filters work and the effect of other
parasitic coupling paths on the DAC output.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the Nyquist
frequency, excluding the first six harmonics and dc. The value for
SNR is expressed in decibels.
Interpolation Filter
If the digital inputs to the DAC are sampled at a multiple rate of the
interpolation rate (fDATA), a digital filter can be constructed that has
a sharp transition band near fDATA/2. Images that typically appear
around the output data rate (fDAC) can be greatly suppressed.
Channel Datapath
The channel datapaths, sometimes referred to as channelizers, are
the complex data channel datapaths, before the summing node in
the chip, that can be used or bypassed depending on the mode
of operation chosen. When these channelizers are in use, complex
data input is required. The channel datapaths include independently
controlled optional gain stages and channel NCOs per channel.
There is also a selectable channel interpolation block that is config-
urable (same setting for all channel interpolation blocks) depending
on the mode of operation chosen.
Main Datapath
The main datapath refers to the portion of the digital datapath
after the summing node in the chip, up to each of the main DAC
analog cores. Each of these main datapaths includes an optional
PA protection block with a feed forward to the ramp up/down
gain stage block for muting the DAC outputs before damaging a
power amplifier in the transmit path. There is a selectable main
interpolation block that is configurable (same setting for both main
interpolation blocks) depending on the mode of operation chosen.
Each main datapath also contains an individually programmable
main NCO per main DAC datapath that can be optionally used
depending on the mode of operation.
Adjacent Channel Leakage Ratio (ACLR)
ACLR is the ratio in decibels relative to the carrier (dBc) between
the measured power within a channel relative to its adjacent chan-
nel.
Adjusted DAC Update Rate
The adjusted DAC update rate is the DAC update rate divided by
the smallest interpolating factor. For clarity on DACs with multiple
interpolating factors, the adjusted DAC update rate for each interpo-
lating factor may be given.
Physical (PHY) Lane
Physical Lane x refers to SERDINx±.
Logical Lane
Logical Lane x refers to physical lanes after optionally being remap-
ped by the crossbar block (Register 0x308 to Register 0x30B).
Link Lane
Link Lane x refers to logical lanes considered per link. When paging
Link 0 (Register 0x300, Bit 2 = 0), Link Lane x = Logical Lane x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com