Electronic Components Datasheet Search
  English  ▼

X  

AD9171 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9171
Description  Dual, 16-Bit, 6.2 GSPS RF DAC with Single Channelizer
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9171 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9171 Datasheet HTML 17Page - Analog Devices AD9171 Datasheet HTML 18Page - Analog Devices AD9171 Datasheet HTML 19Page - Analog Devices AD9171 Datasheet HTML 20Page - Analog Devices AD9171 Datasheet HTML 21Page - Analog Devices AD9171 Datasheet HTML 22Page - Analog Devices AD9171 Datasheet HTML 23Page - Analog Devices AD9171 Datasheet HTML 24Page - Analog Devices AD9171 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
Data Sheet
AD9171
SERIAL PORT OPERATION
analog.com
Rev. C | 21 of 134
The serial port is a flexible, synchronous serial communications port
that allows easy interfacing with many industry-standard microcon-
trollers and microprocessors. The serial input/output is compatible
with most synchronous transfer formats, including both the Motoro-
la, Inc., SPI and Intel® SSR protocols. The interface allows read
and write access to all registers that configure the AD9171. MSB
first or LSB first transfer formats are supported. The serial port in-
terface can be configured as a 4‑wire interface or a 3-wire interface
in which the input and output share a single pin input/output (SDIO).
Figure 20. Serial Port Interface Pins (144-Ball BGA_ED)
There are two phases to a communication cycle with the AD9171.
Phase 1 is the instruction cycle (the writing of an instruction byte
into the device), coincident with the first 16 SCLK rising edges. The
instruction word provides the serial port controller with information
regarding the data transfer cycle, Phase 2 of the communication
cycle. The Phase 1 instruction word defines whether the upcoming
data transfer is a read or write, along with the starting register
address for the following data transfer.
A logic high on the CS pin followed by a logic low resets the serial
port timing to the initial state of the instruction cycle. From this
state, the next 16 rising SCLK edges represent the instruction bits
of the current input/output operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Eight × N SCLK cycles are
required to transfer N bytes during the transfer cycle. Registers
change immediately upon writing to the last bit of each transfer
byte, except for the frequency tuning word (FTW) and NCO phase
offsets, which change only when the frequency tuning word load re-
quest bit (DDSM_FTW_LOAD_REQ or DDSC_FTW_LOAD_REQ)
is set.
DATA FORMAT
The instruction byte contains the information shown in Table 13.
Table 13. Serial Port Instruction Word
I15 (MSB)
I[14:0]
R/W
A[14:0]
R/W, Bit 15 of the instruction word, determines whether a read or
a write data transfer occurs after the instruction word write. Logic 1
indicates a read operation, and Logic 0 indicates a write operation.
A14 to A0, Bit I14 to Bit I0 of the instruction word, determine
the register that is accessed during the data transfer portion of
the communication cycle. For multibyte transfers, A[14:0] is the
starting address. The remaining register addresses are generated
by the device based on the address increment bit. If the address
increment bits are set high (Register 0x000, Bit 5 and Bit 2),
multibyte SPI writes start on A[14:0] and increment by 1 every for
eight bits sent/received. If the address increment bits are set to 0,
the address decrements by 1 every eight bits.
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device and
runs the internal state machines. The maximum frequency of SCLK
is 80 MHz. All data input is registered on the rising edge of SCLK.
All data is driven out on the falling edge of SCLK.
Chip Select (CS)
An active low input starts and gates a communication cycle. CS
allows more than one device to be used on the same serial
communication lines. The SDIO pin goes to a high impedance state
when this input is high. During the communication cycle, the chip
select must stay low.
Serial Data Input/Output (SDIO)
This pin is a bidirectional data line. In 4-wire mode, this pin acts as
the data input and SDO acts as the data output.
SERIAL PORT OPTIONS
The serial port can support both MSB first and LSB first data
formats. This functionality is controlled by the LSB first bit (Regis-
ter 0x000, Bit 6 and Bit 1). The default is MSB first (LSBFIRST bit =
0).
When the LSB first bits = 0 (MSB first), the instruction and data bits
must be written from MSB to LSB. R/W is followed by A[14:0] as the
instruction word, and D[7:0] is the data-word. When the LSB first
bits = 1 (LSB first), the opposite is true. A[0:14] is followed by R/W,
which is subsequently followed by D[0:7].
The serial port supports a 3-wire or 4-wire interface. When the SDO
active bits = 1 (Register 0x000, Bit 4 and Bit 3), a 4-wire interface
with a separate input pin (SDIO) and output pin (SDO) is used.
When the SDO active bits = 0, the SDO pin is unused and the SDIO
pin is used for both the input and the output.
Multibyte data transfers can be performed as well by holding the
CS pin low for multiple data transfer cycles (eight SCLKs) after the
first data transfer word following the instruction cycle. The first eight
SCLKs following the instruction cycle read from or write to the regis-
ter provided in the instruction cycle. For each additional eight SCLK
cycles, the address is either incremented or decremented and the
read/write occurs on the new register. The direction of the address
can be set using ADDRINC or ADDRINC_M (Register 0x000, Bit
5 and Bit 2). When ADDRINC or ADDRINC_M is 1, the multicycle
addresses are incremented. When ADDRINC or ADDRINC_M is 0,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com