Electronic Components Datasheet Search
  English  ▼

X  

AD9171 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9171
Description  Dual, 16-Bit, 6.2 GSPS RF DAC with Single Channelizer
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9171 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9171 Datasheet HTML 16Page - Analog Devices AD9171 Datasheet HTML 17Page - Analog Devices AD9171 Datasheet HTML 18Page - Analog Devices AD9171 Datasheet HTML 19Page - Analog Devices AD9171 Datasheet HTML 20Page - Analog Devices AD9171 Datasheet HTML 21Page - Analog Devices AD9171 Datasheet HTML 22Page - Analog Devices AD9171 Datasheet HTML 23Page - Analog Devices AD9171 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
Data Sheet
AD9171
THEORY OF OPERATION
analog.com
Rev. C | 20 of 134
The AD9171 is a 16-bit, dual RF DAC with a high speed JESD204B
SERDES interface, compliant with Subclass 0 and Subclass 1 oper-
ation. Figure 1 shows a functional block diagram of the AD9171.
Each DAC core has one channelizer that supports up to 516
MSPS of complex data rate input per channel. Eight high speed
serial lanes carry data at a maximum of 15.4 Gbps to the channel
datapaths. The JESD204B interface supports both single-link and
dual-link modes of operation, depending on the selected mode
configuration. Compared to either LVDS or CMOS interfaces, the
SERDES interface simplifies pin count, board layout, and input
clock requirements to the device.
The clock for the input data is derived from the DAC clock, or
device clock (required by the JESD204B specification). This device
clock can be sourced with a PLL reference clock used by the
on-chip PLL to generate a DAC clock, or a high fidelity, direct
external DAC sampling clock. The device can be configured to
operate in one- or two-lane per link modes, depending on the
required input data rate.
The digital datapath of the AD9171 offers selectable 2×, 3×, 4×,
and 6× interpolation options for the channel datapaths, and 6× and
8× interpolation options for the main datapaths. See Table 12 for a
summary of the various JESD204B modes available, as well as the
respective interpolation options.
For each of the channel digital datapaths, there are individually
programmable gain stages and NCO blocks available. The NCO
blocks have a 48-bit modulus NCO option to enable digital frequen-
cy shifts of signals with near infinite precision.
The NCO can operate alone in NCO only mode using a program-
mable dc value input via the SPI or with digital data from the
SERDES interface and digital datapath. At the end of the channeliz-
er datapaths, the data then passes along to each of the main DAC
datapaths for further digital feature options.
Each of the main DAC datapaths contain an optional power amplifi-
er (PA) protection block, a main datapath interpolation block, a main
NCO with an optional modulus feature, and a ramp-up/ramp-down
gain block that is fed by the PA protection block. Additionally, there
is an optional calibration tone feature, as well as four modulator
switch modes that are part of the main NCO block.
The AD9171 is capable of multichip synchronization that can both
synchronize multiple DACs and establish a constant and determin-
istic latency (latency locking) path for the DACs. The latency for
each of the DACs remains constant to within several DAC clock
cycles from link establishment to link establishment. An external
alignment signal (SYSREF±) makes the AD9171 JESD204B Sub-
class 1 compliant. Several modes of SYSREF± signal handling are
available for use in the system.
An SPI configures the various functional blocks and monitors their
statuses. The various functional blocks and the data interface must
be set up in a specific sequence for proper operation (see the
Start-Up Sequence section). Simple SPI initialization routines set
up the JESD204B link and are included in the evaluation board
software support.
This data sheet describes the various blocks of the AD9171 in
detail. Descriptions of the JESD204B interface, control parameters,
and various registers to set up and monitor the device are provided.
The recommended start-up routine reliably sets up the data link.
Table 12. JESD204B Supported Operating Modes and Interpolation Combinations
Application
JESD204B Operation Modes
Channel Datapath
Main DAC Datapath
Link
Modes
JESD204B
Modes
Lanes
per
Link
Channels
per DAC
Maximum Channel
Data Rate (MSPS)1
Channel
Interpolations
Main Datapath
Interpolations
Maximum DAC
Rate (GSPS)
Single Channel, 375 MHz
Single,
0
1
1
385
2×
8×
6.2
(N = 16 Bits)
dual
4×, 6×
6×, 8×
6.2
Single Channel, 500 MHz
Single,
5
1
1
513
2×
6×
6.2
(N = 12 Bits, NP = 12 Bits)
dual
3×
6×, 8×
6.2
Single Channel, 500 MHz
Single,
3
2
1
516
2×, 3×
6×, 8×
6.2
(N = 16 Bits)
dual
1 The maximum data rate is calculated based on either the maximum lane rate as listed in Table 6 or the maximum DAC rate. The data rate is calculated either using
the formula lane rate = (10/8) × NP × data rate × (M/L), where the NP, M, and L values depend on the selected mode or the DAC rate is data rate × minimum channel
interpolation × minimum main datapath interpolation, whichever value for the data rate is smallest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com