Electronic Components Datasheet Search
  English  ▼

X  

SD60C31/P Datasheet(PDF) 4 Page - AUK corp

Part # SD60C31/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C31/P Datasheet(HTML) 4 Page - AUK corp

  SD60C31/P Datasheet HTML 1Page - AUK corp SD60C31/P Datasheet HTML 2Page - AUK corp SD60C31/P Datasheet HTML 3Page - AUK corp SD60C31/P Datasheet HTML 4Page - AUK corp SD60C31/P Datasheet HTML 5Page - AUK corp SD60C31/P Datasheet HTML 6Page - AUK corp SD60C31/P Datasheet HTML 7Page - AUK corp SD60C31/P Datasheet HTML 8Page - AUK corp SD60C31/P Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KSI-W001-000
4
Pin Description(continued)
Port 1
: PIN 1~8 (DIP40), PIN 2~9 (PLCC44)
Port 1 is an 8-bit bi-directional I/O port with internal pullups.
Port 1 pins that have 1's written to them are pulled high by the internal pullups,
and in that state can be used as inputs. As inputs, Port 1 pins that are externally
being pulled low will source current because of the internal pullups.
Port 2
: PIN 21~28 (DIP40), PIN 24~31 (PLCC44)
Port 2 is an 8-bit bi-directional I/O port with internal pullups. Port 2 pins that have
1's written to them are pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 2 pins that are externally being pulled low will
source current because of the internal pullups.
Port 2 emits the high-order address byte during fetches from external Program
Memory and during accesses to external Data Memory that use 16-bit addresses
(MOVX @ DPTR). In this application it uses strong internal pullups when emitting
1's. During accesses to external data memory that use 8-bit addresses (MOVX @
Ri), Port 2 emits the contents of the P2 Special Function Register
Port 3
: PIN 10~17 (DIP40), PIN 13~19 (PLCC44)
Port 3 is an 8-bit bi-directional I/O port with internal pullups. Port 3 pins that have
1's written to them are pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 3 pins that are externally being pulled low will
source current because of the pullups.
Port 3 also serves the function of various special feature of the MCS-51 Family, as
listed below :
Port PIN
PIN NO.
Alternate Function
P3.0
10
RxD (Serial input port)
P3.1
11
TxD (Serial output port)
P3.2
12
INT0 (external interrupt 0)
P3.3
13
INT1 (external interrupt 1)
P3.4
14
T0 (Timer 0 external input)
P3.5
15
T1 (Timer 1 external input)
P3.6
16
WR (external data memory write strobe)
P3.7
17
RD (external data memory read strobe)
RST
: PIN 9 (DIP40), PIN 10 (PLCC44)
Reset input. A high on this pin for two machine cycles while the oscillator is
running resets the device. An internal diffused resistor to VSS permits Power-On
reset using only an external capacitor to VCC.
SD60C31/P SD60C51/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com