Electronic Components Datasheet Search
  English  ▼

X  

SD60C31/P Datasheet(PDF) 11 Page - AUK corp

Part # SD60C31/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C31/P Datasheet(HTML) 11 Page - AUK corp

Back Button SD60C31/P Datasheet HTML 4Page - AUK corp SD60C31/P Datasheet HTML 5Page - AUK corp SD60C31/P Datasheet HTML 6Page - AUK corp SD60C31/P Datasheet HTML 7Page - AUK corp SD60C31/P Datasheet HTML 8Page - AUK corp SD60C31/P Datasheet HTML 9Page - AUK corp SD60C31/P Datasheet HTML 10Page - AUK corp SD60C31/P Datasheet HTML 11Page - AUK corp SD60C31/P Datasheet HTML 12Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KSI-W001-000
11
Timing Diagram(Continued)
SD60C31/P SD60C51/P
VCC
ICC
(NC)
VCC
P0
EA
CLOCK SIGNAL
XTAL2
XTAL1
VSS
Figure 9. I CC Test Condition, Idle Mode
All other pins are disconnected
RST
VCC
VCC
ICC
(NC)
VCC
P0
EA
VCC
CLOCK SIGNAL
XTAL2
XTAL1
VSS
Figure 8. I CC Test Condition, Active Mode
All other pins are disconnected
RST
I CC ㎃
4MHz
8MHz
12MHz
45
40
35
30
25
20
15
10
5
16MHz
TYP IDLE MODE
MAX IDLE MODE
TYP ACTIVE MODE
MAX ACTIVE MODE
FREQ AT XTAL1
Figure 7. Icc vs. FREQ
Valid only within frequency specifications
of the device under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com