Electronic Components Datasheet Search
  English  ▼

X  

SD60C31/P Datasheet(PDF) 1 Page - AUK corp

Part # SD60C31/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C31/P Datasheet(HTML) 1 Page - AUK corp

  SD60C31/P Datasheet HTML 1Page - AUK corp SD60C31/P Datasheet HTML 2Page - AUK corp SD60C31/P Datasheet HTML 3Page - AUK corp SD60C31/P Datasheet HTML 4Page - AUK corp SD60C31/P Datasheet HTML 5Page - AUK corp SD60C31/P Datasheet HTML 6Page - AUK corp SD60C31/P Datasheet HTML 7Page - AUK corp SD60C31/P Datasheet HTML 8Page - AUK corp SD60C31/P Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
KSI-W001-000
1
SD60C31/P, SD60C51/P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
Description
The AUK 60C31/P 60C51/P is a high-performance micro controller fabricated with AUK
high-density CMOS technology. The AUK CMOS technology combines the high speed and
density characteristics of MOS with the low power attributes of CMOS.
The 60C51 contains a 4K x 8 ROM, a 128 x 8 RAM, 32 I/O lines, two 16-bit counter/timers,
a five-source, two-priority level nested interrupt structure, a serial I/O port for either multi-
processor communication, I/O expansion or full duplex UART, and on-chip oscillator and
clock circuits.
In addition, the device has two software selectable modes of power reduction idle mode
and power-down mode. The idle mode freezes the CPU while allowing the RAM, timers,
serial port, and interrupt system to continue functioning.
Features
• 8-bit CPU optimized for control applications.
• Power control modes.
• Pin-to-pin compatible with intel's 80C51/80C31.
• 60C51 low power mask programmable ROM
• 60C31 low power CPU only
• 64K Program Memory Space, Data Memory space
• 32K programmable I/O lines.
• Two 16bit timer/counters
• High performance CMOS process.
• 5 interrupt sources.
• 2 Level programmable serial port
• 3.5 to 12MHz @ 5V ± 20%
Ordering Information
Type NO.
Marking
Package Code
Type NO.
Marking
Package Code
SD60C31
SD60C31
PLCC44
SD60C31P
SD60C31
DIP40
SD60C51
SD60C51
PLCC44
SD60C51P
SD60C51
DIP40
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
0.695 (1 7.653)
0.685 (1 7.399)
0.656 (1 6.662)
0.650 (1 6.510)
0 .050 (1 .27 0)
0.6 30 (16.002 )
0.5 90 (14.906 )
40
21
1
20
1.22T YP
2 .5 4
1. 4 0. 1
0. 5 0. 1
50.7 ±0. 2
±±
±
PLCC44
DIP40


Similar Part No. - SD60C31/P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD60C32 AUK-SD60C32 Datasheet
90Kb / 13P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
SD60C32P AUK-SD60C32P Datasheet
90Kb / 13P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
More results

Similar Description - SD60C31/P

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC60C51 DAEWOO-DMC60C51 Datasheet
579Kb / 12P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC60C52 DAEWOO-DMC60C52 Datasheet
706Kb / 14P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC80C49 DAEWOO-DMC80C49 Datasheet
655Kb / 12P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
AUK corp
SD60C32 AUK-SD60C32 Datasheet
90Kb / 13P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Intel Corporation
M8751H-8 INTEL-M8751H-8 Datasheet
1Mb / 16P
SINGLE-COMPONENT 8 BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C51 ETC2-DMC60C51 Datasheet
583Kb / 12P
COMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC60C52 ETC2-DMC60C52 Datasheet
712Kb / 14P
CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Renesas Technology Corp
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com