Electronic Components Datasheet Search
  English  ▼

X  

SD60C31/P Datasheet(PDF) 6 Page - AUK corp

Part # SD60C31/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C31/P Datasheet(HTML) 6 Page - AUK corp

Back Button SD60C31/P Datasheet HTML 2Page - AUK corp SD60C31/P Datasheet HTML 3Page - AUK corp SD60C31/P Datasheet HTML 4Page - AUK corp SD60C31/P Datasheet HTML 5Page - AUK corp SD60C31/P Datasheet HTML 6Page - AUK corp SD60C31/P Datasheet HTML 7Page - AUK corp SD60C31/P Datasheet HTML 8Page - AUK corp SD60C31/P Datasheet HTML 9Page - AUK corp SD60C31/P Datasheet HTML 10Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KSI-W001-000
6
Pin Description(continued)
• Crystal oscillator
Idle Mode
In the Idle mode, the CPU puts itself to sleep while all the on chip peripherals stay active.
The instruction that invokes the Idle mode is the last instruction executed in the normal
operating mode before Idle mode is activated.
The content of the on-chip RAM and all the special function registers remain intact during
this mode. The Idle mode can be terminated either by any enabled interrupt, at which
time the process is picked up at the interrupt service routine and continued, or by a
hardware reset which starts the processor the same as a power on reset.
Power Down Mode
In the power down mode the oscillator is stopped, and the instruction that invokes power
down is the last instruction executed. The on-chip RAM and special function register retain
their values until the power down mode is terminated.
The only exit from power down is a hardware reset. Reset redefines the SFRs but does not
change the on-chip RAM. The reset should not be activated before VCC is restored to its
normal operating level and must be held active long enough to allow the oscillator to
restart and stabilize.
The control bits for the reduced power modes are in the special function register PCON.
Table Status of the external pins during Idle and power down modes.
Mode
Program
memory
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power down
Internal
0
0
Data
Data
Data
Data
Power down
External
0
0
Float
Data
Data
Data
SD60C31/P SD60C51/P
30pF
30pF
VSS
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com