Electronic Components Datasheet Search
  English  ▼

X  

SD60C31/P Datasheet(PDF) 5 Page - AUK corp

Part # SD60C31/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C31/P Datasheet(HTML) 5 Page - AUK corp

  SD60C31/P Datasheet HTML 1Page - AUK corp SD60C31/P Datasheet HTML 2Page - AUK corp SD60C31/P Datasheet HTML 3Page - AUK corp SD60C31/P Datasheet HTML 4Page - AUK corp SD60C31/P Datasheet HTML 5Page - AUK corp SD60C31/P Datasheet HTML 6Page - AUK corp SD60C31/P Datasheet HTML 7Page - AUK corp SD60C31/P Datasheet HTML 8Page - AUK corp SD60C31/P Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KSI-W001-000
5
Pin Description(continued)
ALE
: PIN 30 (DIP40), PIN 33 (PLCC44)
Address latch enable output pulse for latching the low byte of the address during
accesses to external memory.
In normal operation ALE is emitted at a constant rate of 1/6 the oscillator frequency,
and may be used for external timing of clocking purposes.
Note : However, that one ALE pulse is skipped during each access to external data
memory.
If desired, ALE operation can be disabled by setting bit 0 of SFR location 8EH.
With the bit set, ALE is active only during a MOVX instruction. Otherwise, the pin
is weakly pulled high.
PSEN : PIN 29 (DIP40), PIN 32 (PLCC44)
Program store enable is the read strobe to external program memory. When the
60C51 is executing code from external program memory, PSEN is activated twice
each machine cycle, except that two PSEN activations are skipped during each
access to external data memory. PSEN is not activated during fetches from internal
program memory.
EA
: PIN 31 (DIP40), PIN 35 (PLCC44)
External access enable. EA must be strapped to VSS in order to enable the device
to fetch code from external program memory locations starting at 0000H up to
FFFFH.
If EA is strapped to VCC the device executes from internal program memory unless
the program counter contains an address greater than 0FFFH.
XTAL1 : PIN 19 (DIP40), PIN 21 (PLCC44)
Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
NC
: PIN1, 12, 23, 34 (PLCC44)
Non connection pins.
XTAL2 : PIN 18 (DIP40), PIN 20(PLCC44)
Output from the inverting oscillator amplifier
SD60C31/P SD60C51/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com