Electronic Components Datasheet Search
  English  ▼

X  

SD60C31/P Datasheet(PDF) 8 Page - AUK corp

Part # SD60C31/P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C31/P Datasheet(HTML) 8 Page - AUK corp

Back Button SD60C31/P Datasheet HTML 4Page - AUK corp SD60C31/P Datasheet HTML 5Page - AUK corp SD60C31/P Datasheet HTML 6Page - AUK corp SD60C31/P Datasheet HTML 7Page - AUK corp SD60C31/P Datasheet HTML 8Page - AUK corp SD60C31/P Datasheet HTML 9Page - AUK corp SD60C31/P Datasheet HTML 10Page - AUK corp SD60C31/P Datasheet HTML 11Page - AUK corp SD60C31/P Datasheet HTML 12Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KSI-W001-000
8
Electrical AC Characteristics(AC)
(TA = 0℃ or -40℃ ~ 85℃, VCC = 5V ± 20%, VSS=0V)
12MHz
CLOCK
VARIABLE CLOCK
SYM
-BOL
FIGU
RE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLC
L
Oscillator
frequency
:
Speed
versions 60C31/60C51
3.5
12
MHz
tLHLL
1
ALE pulse width
127
2tCLCL-40
ns
tAVLL
1
Address valid to ALE low
28
tCLCL-55
ns
tLLAX
1
Address hold after ALE low
48
tCLCL-35
ns
tLLIV
1
ALE low to valid instruction in
234
4tCLCL-100
ns
tLLPL
1
ALE low to PSEN low
43
tCLCL-40
ns
tPLPH
1
PSEN pulse width
205
3tCLCL-45
ns
tPLIV
1
PSEN low to valid instruction in
145
3CLCL-105
ns
tPXIX
1
Input instruction hold after PSEN
0
0
ns
tPXIZ
1
Input instruction float after PSEN
59
tCLCL-25
ns
tAVIV
1
Address to valid instruction in
312
5tCLCL-105
ns
tPLAZ
1
PSEN low to address float
10
10
ns
Data Memory
tRLRH
2.3
RD pulse width
400
6tCLCL-100
ns
tWLWH
2.3
WR pulse width
400
6tCLCL-100
ns
tRLDV
2.3
RD low to valid data in
252
5tCLCL-165
ns
tRHDX
2.3
Data hold after RD
0
0
ns
tRHDZ
2.3
Data float after RD
97
2tCLCL-70
ns
tLLDV
2.3
ALE low to valid data in
517
8tCLCL-150
ns
tAVDV
2.3
Address to valid data in
585
9tCLCL-165
ns
tLLWL
2.3
ALE low to RD or WR low
200
300
3tCLCL-50
3tCLCL+50
ns
tAVWL
2.3
Address valid to WR low or RD low
203
4tCLCL-130
ns
tQVWX
2.3
Data valid to WR transition
23
tCLCL-60
ns
tWHQZ
2.3
Data hold after WR
33
tCLCL-50
ns
tRLAZ
2.3
RD low to address float
0
0
ns
tWHLH
2.3
RD or WR high to ALE high
43
123
tCLCL-40
tCLCL+40
ns
External Clock
tCHCX
4
High time
20
20
ns
tCLCX
4
Low time
20
20
ns
tCLCH
4
Rise time
20
20
ns
tCHCL
4
Fall time
20
20
ns
SD60C31/P SD60C51/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com