Electronic Components Datasheet Search
  English  ▼

X  

LM2506 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2506
Description  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2506 Datasheet HTML 1Page - National Semiconductor (TI) LM2506 Datasheet HTML 2Page - National Semiconductor (TI) LM2506 Datasheet HTML 3Page - National Semiconductor (TI) LM2506 Datasheet HTML 4Page - National Semiconductor (TI) LM2506 Datasheet HTML 5Page - National Semiconductor (TI) LM2506 Datasheet HTML 6Page - National Semiconductor (TI) LM2506 Datasheet HTML 7Page - National Semiconductor (TI) LM2506 Datasheet HTML 8Page - National Semiconductor (TI) LM2506 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MPL
I
DDZ
Supply Current — Disable
T
A = 25˚C
Power Down Modes
SER
PD*=L
V
DDIO
<12
µA
V
DD/VDDA
<1
2.2
µA
SER
Stop Clock
V
DDIO
<12
µA
V
DD/VDDA
<1
2.2
µA
DES
PD*=L
V
DDIO
<12
µA
V
DD/VDDA
<1
2.2
µA
PD
Power Dissipation
RGB
(Note 6)
SER
8.5
mW
DES
15.3
mW
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PARALLEL BUS TIMING See
t
SET
Set Up Time
RGB Mode Inputs
Figure 11
5ns
t
HOLD
Hold Time
5
ns
t
RISE
Rise Time
PCLK Output
C
L =15pF,
Figure 2
V
DDIO = 1.74V
7
12
ns
V
DDIO = 3.0V
3
7
ns
t
FALL
Fall Time
V
DDIO = 1.74V
7
11
ns
V
DDIO = 3.0V
2
6
ns
SERIAL BUS TIMING
t
DVBC
Serial Data Valid before
Clock
(Set Time)
DES Input
Figure 1
MC = 80MHz
(Note 9)
1.5
ns
t
DVAC
Serial Data Valid after
Clock
(Hold Time)
1.5
ns
POWER UP TIMING
t
0
SER PLL Lock Counter
4,096
PCLK
cycles
t
1
MC Pulse Width Low
180
MC
cycles
t
2
MC Pulse Width High
180
MC
cycles
t
3
MC H-L to Active State
180
MC
cycles
t
PZXclk
Enable Time - Clock Start
RGB Mode
CLK to PDout*
Figure 4
7
PCLK
cycles
MPL POWER OFF TIMING
t
PAZ
Disable Time to Power
Down
(Note 8)
2ms
t
PXZclk
Disable Time - Clock Stop
PCLK to PD
OUT*
Figure 3
7
PCLK
cycles
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com