Electronic Components Datasheet Search
  English  ▼

X  

LM2506 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2506
Description  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2506 Datasheet HTML 2Page - National Semiconductor (TI) LM2506 Datasheet HTML 3Page - National Semiconductor (TI) LM2506 Datasheet HTML 4Page - National Semiconductor (TI) LM2506 Datasheet HTML 5Page - National Semiconductor (TI) LM2506 Datasheet HTML 6Page - National Semiconductor (TI) LM2506 Datasheet HTML 7Page - National Semiconductor (TI) LM2506 Datasheet HTML 8Page - National Semiconductor (TI) LM2506 Datasheet HTML 9Page - National Semiconductor (TI) LM2506 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Recommended Input Timing Requirements
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SER PIXEL CLOCK (PCLK)
f
Pixel Clock Frequency
2
13.3
MHz
t
CP
Pixel Clock Period
75.2
500
ns
PCLK
DC
Pixel Clock Duty Cycle
30
50
70
%
t
T
Transition Time
(Note 7)
2
ns
t
STOPpclk
PClock Stop Gap
300
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VDDIO = 1.8V and VDD =VDDA = 1.8V and TA = 25˚C.
Note 3: Current into a device pin is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to Ground unless otherwise
specified.
Note 4: MPL Current Threshold is set to be 3XIB by the MPL start up Sequence - this is a functional specification only.
Note 5: Total Supply Current Conditions: RGB Mode, worse case data pattern, 13.3MHz PCLK, DES CL = 15pF, TYP VDDIO =VDDA =VDDcore = 1.8V, MAX VDDIO
= 3.0V, MAX VDDA = VDDcore = 2.0V.
Note 6: Supply Current Conditions: RGB Mode, PRBS case data pattern, 13.3MHz PCLK, DES CL = 15pF, TYP VDDIO =VDDA =VDDcore = 1.8V.
Note 7: Maximum transition time is a function of clock rate and should be less than 30% of the clock period to preserve signal quality.
Note 8: Guaranteed functionally by the IDDZ parameter. See also Figure 8.
Note 9: This is a functional parameter and is guaranteed by design or characterization.
Timing Diagrams
20125516
FIGURE 1. Serial Data Valid — DES Input Set and Hold Time
20125518
FIGURE 2. DES Output Rise and Fall Time (PCLK)
20125529
FIGURE 3. Stop Clock Power Down (SER)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com