Electronic Components Datasheet Search
  English  ▼

X  

LM2506 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2506
Description  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2506 Datasheet HTML 11Page - National Semiconductor (TI) LM2506 Datasheet HTML 12Page - National Semiconductor (TI) LM2506 Datasheet HTML 13Page - National Semiconductor (TI) LM2506 Datasheet HTML 14Page - National Semiconductor (TI) LM2506 Datasheet HTML 15Page - National Semiconductor (TI) LM2506 Datasheet HTML 16Page - National Semiconductor (TI) LM2506 Datasheet HTML 17Page - National Semiconductor (TI) LM2506 Datasheet HTML 18Page - National Semiconductor (TI) LM2506 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Connection Diagram - LLP Package
20125553
TOP VIEW — (not to scale)
TABLE 4. RGB Mode Pad Assignment
Pin #
SER
DES
Pin #
SER
DES
1
M/S*
21
G0
B0
2
RM1
22
G1
G5
3V
DDA
23
G2
G4
4
MD1
MD0
24
G3
5V
SSA
25
V
SScore
6MC
26
V
DDcore
7
MD0
MD1
27
G4
G2
8
RM0
28
G5
G1
9
RGB*
29
B0
G0
10
PDOUT*
HS
30
B1
R5
11
TM
31
B2
R4
12
PCLK
VS
32
B3
R3
13
R0
DE
33
B4
R2
14
R1
B5
34
B5
R1
15
V
SSIO
35
V
SSIO
16
V
DDIO
36
V
DDIO
17
R2
B4
37
DE
R0
18
R3
B3
38
VS
PCLK
19
R4
B2
39
HS
PE
20
R5
B1
40
PD*
DAP
GND
DAP
GND
Note: Pins are different between SER and DES configurations.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com