Electronic Components Datasheet Search
  English  ▼

X  

LM2506 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2506
Description  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2506 Datasheet HTML 1Page - National Semiconductor (TI) LM2506 Datasheet HTML 2Page - National Semiconductor (TI) LM2506 Datasheet HTML 3Page - National Semiconductor (TI) LM2506 Datasheet HTML 4Page - National Semiconductor (TI) LM2506 Datasheet HTML 5Page - National Semiconductor (TI) LM2506 Datasheet HTML 6Page - National Semiconductor (TI) LM2506 Datasheet HTML 7Page - National Semiconductor (TI) LM2506 Datasheet HTML 8Page - National Semiconductor (TI) LM2506 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2506
Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB
Display Interface Serializer and Deserializer
General Description
The LM2506 device adapts RGB style display interfaces to
the Mobile Pixel Link (MPL) Level zero serial link. The
LM2506 supports one RGB display at up to 18-bit color
depth and 800 X 300 pixels (over 216 Mbps and 13.2 MHz
PCLK) is supported. A mode pin configures the device as a
Serializer (SER) or Deserializer (DES) so the same chip can
be used on both sides of the interface.
The interconnect is reduced from 22 signals to only 3 active
signals with the LM2506 chipset easing flex interconnect
design, size constraints and cost.
The LM2506 in SER mode resides beside an application,
graphics or baseband processor and translates a parallel
bus from LVCMOS levels to serial Mobile Pixel Link levels for
transmission over a flex cable (or coax) and PCB traces to
the DES located near the display module.
When the Power_Down (PD*) input is asserted on the SER,
the MDn and MC line drivers are powered down to save
current. The DES can be controlled by a separate Power-
_Down input or via a signal from the SER (PD
OUT*).
The LM2506 implements the physical layer of the MPL Level
0 Standard (MPL-0) and a 150 µA I
B current (Class 0).
Features
n
RGB Display Interface support up to
800 x 300 1⁄2SVGA formats
n
MPL-Level 0 Physical Layer using two data and one
clock signal
n
Low Power Consumption
n
Pinout mirroring enables straight through layout with
minimal vias
n
Level translation between host and display
n
Auto Power Down on STOP PCLK
n
Link power down mode reduces quiescent power
under < 10 µA
n
1.74V to 2.0V core / analog supply voltage range
n
1.74V to 3.0V I/O supply voltage range
n
−30C to 85C Operating temperature range
System Benefits
n
Small Interface
n
Low Power
n
Low EMI
n
Intrinsic Level Translation
Typical Application Diagram - Bridge Chips
20125522
August 2006
© 2006 National Semiconductor Corporation
DS201255
www.national.com


Similar Part No. - LM2506

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2506 TI1-LM2506 Datasheet
1Mb / 25P
Low Power Mobile Pixel Link
logo
National Semiconductor ...
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25061PMM-1 NSC-LM25061PMM-1 Datasheet
602Kb / 22P
Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061PMM-1/NOPB TI1-LM25061PMM-1/NOPB Datasheet
1Mb / 29P
Positive Low Voltage Power Limiting Hot Swap Controller
More results

Similar Description - LM2506

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com