Electronic Components Datasheet Search
  English  ▼

X  

LM2506 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2506
Description  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2506 Datasheet HTML 4Page - National Semiconductor (TI) LM2506 Datasheet HTML 5Page - National Semiconductor (TI) LM2506 Datasheet HTML 6Page - National Semiconductor (TI) LM2506 Datasheet HTML 7Page - National Semiconductor (TI) LM2506 Datasheet HTML 8Page - National Semiconductor (TI) LM2506 Datasheet HTML 9Page - National Semiconductor (TI) LM2506 Datasheet HTML 10Page - National Semiconductor (TI) LM2506 Datasheet HTML 11Page - National Semiconductor (TI) LM2506 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Functional Description (Continued)
The MPL start up sequence gives the DES an opportunity to
optimize the current sources in its receivers to maximize
noise margins. The SER begins the sequence by driving the
MC line logically Low for 180 MC cycles (t1). At this point, the
DES’s receiver samples the MC current flow and adjusts
itself to interpret that amount of current as a logical Low.
Next the SER drives the MC line logically HIGH for 180 MC
cycles (t2). The optimized current configuration is held as
long as the MPL remains active. Next, the SER drives both
the MC and the MD lines to a logical Low for another 180 MC
cycles (t3), after which it begins to toggle the MC line at 6X
the PCLK rate. The SER will continue to toggle the MC line
as long as its PD* pin remains de-asserted (High). At this
point, video data is streaming to the DES.
Once power is applied and stable, the PCLK should be
applied to the SER. Next the PD* inputs are driven High to
enable the SER and DES. The DES PD* input may be driven
High first, at the same time, or slightly later than the SER’s
PD* input. The SER’s PLL locks to the PCLK and the SER
drives the MC line to the 5I (Logic Low) state at point "A" for
t1. Next the SER drives the MC line to the 1I (Logic High)
state for t2. On the T1 to t2 transition - point "B", the DES
calibrates its current to that of the SER to maximize noise
margins. Next the SER drives the MC and MD lines to the 5I
(logic Low) state for t3. At point "C", video data is now
sampled and streamed to the DES.
OFF PHASE
In the OFF phase, both SER and DES MPL transmitters are
turned off with zero current flowing on the MC and MDn
lines. Figure 8 shows the transition of the MPL bus into the
OFF phase. If an MPL line is driven to a logical Low (high
current) when the OFF phase is entered it may temporarily
pass through as a logical High (low current) before reaching
the zero line current state.
RGB VIDEO INTERFACE
The LM2506 is transparent to data format and control signal
timing. Each PCLK, data inputs, HS, VS and DE are
sampled. A PCLK by PCLK representation of these signals is
duplicated on the opposite device after being transferred
across the MPL Level-0 interface.
The LM2506 uses a multiple range PLL and an on-chip
multiplier to accommodate a wide range of display formats.
QVGA to 1⁄2SVGA can be supported within the 2 MHz to 13.3
MHz PCLK input range.
Pixel Bandwidth = H. X V. X Color Depth X Frames
20125561
FIGURE 7. Bus Power Up Timing
20125506
FIGURE 8. Bus Power Down Timing
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com