Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 12Page - Texas Instruments TMP112DX Datasheet HTML 13Page - Texas Instruments TMP112DX Datasheet HTML 14Page - Texas Instruments TMP112DX Datasheet HTML 15Page - Texas Instruments TMP112DX Datasheet HTML 16Page - Texas Instruments TMP112DX Datasheet HTML 17Page - Texas Instruments TMP112DX Datasheet HTML 18Page - Texas Instruments TMP112DX Datasheet HTML 19Page - Texas Instruments TMP112DX Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
7.3.2 Serial Interface
The TMP112 family operates as a target device only on the SMBus, two-wire, and I2C interface-compatible bus.
Connections to the bus are made through the open-drain I/O lines, SDA and SCL. The SDA and SCL pins
feature integrated spike suppression filters and Schmitt triggers to minimize the effects of input spikes and bus
noise. The TMP112 family supports the transmission protocol for fast (1 kHz to 400 kHz), fast-plus (1 kHz to 1
MHz) and high-speed (1 kHz to 2.85 MHz) modes. All data bytes are transmitted MSB first.
7.3.2.1 Bus Overview
The device that initiates the transfer is called a controller, and the devices controlled by the controller are targets.
The bus must be controlled by a controller device that generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data-line (SDA) from a high-
to low-logic level when the SCL pin is high. All targets on the bus shift in the target address byte on the rising
edge of the clock, with the last bit indicating whether a read or write operation is intended. During the ninth clock
pulse, the target being addressed responds to the controller by generating an acknowledge and pulling the SDA
pin low.
A data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During the data
transfer the SDA pin must remain stable when the SCL pin is high, because any change in the SDA pin when the
SCL pin is high is interpreted as a START or STOP signal.
When all data have been transferred, the controller generates a STOP condition indicated by pulling the SDA pin
from low to high when the SCL pin is high.
7.3.2.2 Serial Bus Address
To communicate with the device, the controller must first address target devices through a target-address byte.
The target-address byte consists of seven address bits and a direction bit indicating the intent of executing a
read or write operation.
The TMP112 family features an address pin to allow up to four devices to be addressed on a single bus. Table
7-4 describes the pin logic levels used to properly connect up to four devices. This table also describes four
different address options available when ALERT pin is used in TMP112Dx.
Table 7-4. Address and Alert Variant Device Target Address
DEVICE ORDERABLE
ADD0 PIN CONNECTION
DEVICE I2C BUS
ADDRESS
DEVICE I2C BUS
ADDRESS (Hex)
Address Variant Only
(X2SON-5 package)
TMP112D
GND
1000000
40h
V+
1000001
41h
SDA
1000010
42h
SCL
1000011
43h
Alert Variant Only
(X2SON-5 package)
TMP112D0
N/A
1001000
48h
TMP112D1
1001001
49h
TMP112D2
1001010
4Ah
TMP112D3
1001011
4Bh
Address + Alert Variant
(SOT563-6 package)
TMP112A
TMP112B
TMP112D
TMP112N
GND
1001000
48h
V+
1001001
49h
SDA
1001010
4Ah
SCL
1001011
4Bh
7.3.2.3 Writing and Reading Operation
Accessing a particular register on the TMP112 family is accomplished by writing the appropriate value to the
pointer register. The value for the pointer register is the first byte transferred after the target address byte with
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com