Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 16Page - Texas Instruments TMP112DX Datasheet HTML 17Page - Texas Instruments TMP112DX Datasheet HTML 18Page - Texas Instruments TMP112DX Datasheet HTML 19Page - Texas Instruments TMP112DX Datasheet HTML 20Page - Texas Instruments TMP112DX Datasheet HTML 21Page - Texas Instruments TMP112DX Datasheet HTML 22Page - Texas Instruments TMP112DX Datasheet HTML 23Page - Texas Instruments TMP112DX Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
1
Start By
Host
ACK By
TMP112
ACK By
TMP112
Start By
Host
ACK By
TMP112
ACK By
Host
From
TMP112
1
9
1
9
1
9
1
9
SDA
SCL
0
0
1
R /W
0
0
0
0
0
0
P1
P0
…
…
…
…
SDA
(Continued)
SCL
(Continued)
SDA
(Continued)
SCL
(Continued)
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Stop By
Host
ACK By
Host
From
TMP112
1
9
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1 Two-Wire Device Address Byte
Frame 2 Pointer Register Byte
Frame 4 Data Byte 1 Read Register
Frame 3 Two-Wire Device Address Byte
Frame 5 Data Byte 2 Read Register
1
0
0
1
0
0
A1
(1)
A0
(1)
Stop By
Host
A1
(1)
A0
(1)
(2)
(3)
NOTE: (1) The value of A0 and A1 are determined by the ADD0 pin.
(2) Host should leave SDA high to terminate a single-byte read operation.
(3) Host should leave SDA high to terminate a two-byte read operation.
Figure 7-5. Two-Wire Timing Diagram for Read Word Format
Start By
Host
ACK By
TMP112
From
TMP112
NACK By
Host
Stop By
Host
1
9
1
9
SDA
SCL
ALERT
0
0
0
1
1
0
0
R/W
1
0
0
1
Status
Frame 2 Device Address Byte
Frame 1 SMBus ALERT Response Address Byte
A1
A0
(1)
(1)
NOTE: (1) The value of A0 and A1 are determined by the ADD0 pin.
Figure 7-6. Timing Diagram for SMBus ALERT
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com