Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 14Page - Texas Instruments TMP112DX Datasheet HTML 15Page - Texas Instruments TMP112DX Datasheet HTML 16Page - Texas Instruments TMP112DX Datasheet HTML 17Page - Texas Instruments TMP112DX Datasheet HTML 18Page - Texas Instruments TMP112DX Datasheet HTML 19Page - Texas Instruments TMP112DX Datasheet HTML 20Page - Texas Instruments TMP112DX Datasheet HTML 21Page - Texas Instruments TMP112DX Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
7.3.2.7 High-Speed (Hs) Mode
For the two-wire bus to operate at frequencies above 400 kHz, the controller device must issue a Hs-mode
controller code (0000 1xxx) as the first byte after a START condition to switch the bus to high-speed operation.
The TMP112 family does not acknowledge this byte, but switches the input filters on the SDA and SCL pins
and the output filters on the SDA pin to operate in Hs-mode, thus allowing transfers at up to 2.85 MHz. After
the Hs-mode controller code has been issued, the controller transmits a two-wire target address to initiate a
data-transfer operation. The bus continues to operate in Hs-mode until a STOP condition occurs on the bus.
Upon receiving the STOP condition, the TMP112 family switches the input and output filters back to fast-mode
operation.
7.3.2.8 Timeout Function
The TMP112 family resets the serial interface if the SCL pin is held low for 30 ms (typical) between a start
and stop condition. The TMP112 family releases the SDA line if the SCL pin is pulled low and waits for a start
condition from the host controller. To avoid activating the timeout function, maintain a communication speed of at
least 1 kHz for SCL operating frequency.
7.3.2.9 Timing Diagrams
The TMP112 family is two-wire, SMBus and I2C interface-compatible. Figure 7-4 to Figure 7-6 describe the
various operations on the TMP112 family. Bus definitions are:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low, when the SCL line is high, defines
a START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high when the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the controller device. The TMP112 family can also be used for single byte updates. To update
only the MS byte, terminate the communication by issuing a START or STOP communication on the bus.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the Acknowledge clock pulse. Setup and hold times must be taken into
account. On a controller receive, the termination of the data transfer can be signaled by the controller generating
a Not-Acknowledge ('1') on the last byte that has been transmitted by the target.
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com