Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 5Page - Texas Instruments TMP112DX Datasheet HTML 6Page - Texas Instruments TMP112DX Datasheet HTML 7Page - Texas Instruments TMP112DX Datasheet HTML 8Page - Texas Instruments TMP112DX Datasheet HTML 9Page - Texas Instruments TMP112DX Datasheet HTML 10Page - Texas Instruments TMP112DX Datasheet HTML 11Page - Texas Instruments TMP112DX Datasheet HTML 12Page - Texas Instruments TMP112DX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
6.8 Typical Characteristics (TMP112A/B/N)
At TA = 25°C and V+ = 3.3 V, unless otherwise noted.
Temperature Error (qC)
0
5
10
15
20
25
30
D001
Figure 6-2. Temperature Error at 25°C
AccuracyvsSupply( C/V)
°
Figure 6-3. Accuracy vs Supply
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D002
Mean
Mean + 3 V
Mean
3 V
Figure 6-4. Temperature Error vs Temperature
Te mperature (C)
-60 -40 -20
0
20
40
60
80 100 120 140 160
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
1.4V Supply
3.6V Supply
Figure 6-5. Average Quiescent Current vs
Temperature
Te mperature (C)
-60 -40 -20
0
20
40
60
80 100 120 140 160
0
500
1,000
1,500
2,000
2,500
3,000
1.4V Supply
3.6V Supply
Figure 6-6. Shutdown Current vs Temperature
Bus Frequency (Hz)
1x103
1x104
1x105
1x106
1x107
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
-55C
+25C
+125C
Figure 6-7. Quiescent Current vs Bus Frequency
(Temperature at 3.3-V Supply)
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com