Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 18Page - Texas Instruments TMP112DX Datasheet HTML 19Page - Texas Instruments TMP112DX Datasheet HTML 20Page - Texas Instruments TMP112DX Datasheet HTML 21Page - Texas Instruments TMP112DX Datasheet HTML 22Page - Texas Instruments TMP112DX Datasheet HTML 23Page - Texas Instruments TMP112DX Datasheet HTML 24Page - Texas Instruments TMP112DX Datasheet HTML 25Page - Texas Instruments TMP112DX Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
7.4.4 Thermostat Mode (TM)
The thermostat mode bit indicates to the device whether to operate in comparator mode (TM = 0 ) or interrupt
mode (TM = 1).
7.4.4.1 Comparator Mode (TM = 0)
In Comparator mode (TM = 0), the Alert pin and status flag are activated when the temperature equals or
exceeds the value in the T(HIGH) register and remains active until the temperature falls below the value in the
T(LOW) register. For more information on the comparator mode, see the Section 7.5.4 section.
7.4.4.2 Interrupt Mode (TM = 1)
In Interrupt mode (TM = 1), the Alert pin is activated with the conditions explained in the Section 7.5.4 . The
Alert pin is cleared when the host controller reads the temperature register. For more information on the interrupt
mode, see the Section 7.5.4 .
7.5 Programming
7.5.1 Pointer Register
Figure 7-8 shows the internal register structure of the TMP112 family. The 8-bit Pointer Register of the device is
used to address a given data register. The Pointer Register uses the two LSBs (see Table 7-13) to identify which
of the data registers must respond to a read or write command. The power-up reset value of P1/P0 is '00'. By
default, the TMP112 family reads the temperature on power-up.
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
Figure 7-8. Internal Register Structure
Table 7-6 lists the pointer address of the registers available in the TMP112 family. Table 7-7 lists the bits of the
Pointer Register byte. During a write command, bytes P2 through P7 must always be 0.
Table 7-6. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature Register (Read Only)
0
1
Configuration Register (Read/Write)
1
0
TLOW Register (Read/Write)
1
1
THIGH Register (Read/Write)
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com