Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 27Page - Texas Instruments TMP112DX Datasheet HTML 28Page - Texas Instruments TMP112DX Datasheet HTML 29Page - Texas Instruments TMP112DX Datasheet HTML 30Page - Texas Instruments TMP112DX Datasheet HTML 31Page - Texas Instruments TMP112DX Datasheet HTML 32Page - Texas Instruments TMP112DX Datasheet HTML 33Page - Texas Instruments TMP112DX Datasheet HTML 34Page - Texas Instruments TMP112DX Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
1
2
3
4
5
Not to scale
0.01µF
5k
5k
I
2C Bus
Via to Power Plane
Via to Internal Plane
Internal Layer Trace
Top/Bottom Layer Trace
Via to Ground Plane
3
4
2
5
1
Center Pin Layout (Address Variant)
Figure 8-6. ADD0 Pin Layout Example (X2SON-5 package)
When using the ALERT pin of the device, a 4 mil trace can be routed between pins 1 and 5 or pins 2 and 4.
This signal can be either routed out in between the pads or on a different layer using a via within the center pad
as shown in Figure 8-7. Both of these methods have constraints that must be considered as explained below.
Ultimately, choosing one of these methods depends on the specifications of the board manufacturing process:
• Option 1 (Routing in between pads): introduces trace clearance and trace width limitations. As the
maximum space between pads is 0.26 mm (10.2 mil), assuming a trace width of 0.1 mm (4 mil) limits the
minimum clearance to 0.08 mm (3.15 mil).
• Option 2 (Routing on a different layer using a via): has specific benefits to the user application. For
instance, minimum trace clearance and trace width are higher but require a via on the center pad with
specific dimensions. The via diameter must be less than 0.305 mm (13.78 mil) to keep the via smaller than
the center pad and a minimum drill diameter of 0.1 mm (4 mil) can be assumed to avoid manufacturing
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com