Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 23Page - Texas Instruments TMP112DX Datasheet HTML 24Page - Texas Instruments TMP112DX Datasheet HTML 25Page - Texas Instruments TMP112DX Datasheet HTML 26Page - Texas Instruments TMP112DX Datasheet HTML 27Page - Texas Instruments TMP112DX Datasheet HTML 28Page - Texas Instruments TMP112DX Datasheet HTML 29Page - Texas Instruments TMP112DX Datasheet HTML 30Page - Texas Instruments TMP112DX Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
8.2 Typical Application
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
0.01 µF
Two-Wire
Host Controller
TMP112
1.4 V to 3.6 V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
5 k
Note
The SCL, SDA, and ALERT pins require pullup resistors.
Figure 8-1. Typical Connections (SOT563-6 Package)
I
2C
Controller
TMP112D0
TMP112D1
TMP112D2
TMP112D3
SCL
SDA
SCL
SDA
V+
GND
5k
5k
0.01µF
1.4V to 3.6V
5k
ALERT
ALERT
TMP112D
SCL
SDA
V+
GND
ADD0
Alert
Variant
Address
Variant
GND
Figure 8-2. Typical Connections (X2SON-5 Package)
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com