Electronic Components Datasheet Search
  English  ▼

X  

TDA8360 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8360
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8360 Datasheet HTML 15Page - NXP Semiconductors TDA8360 Datasheet HTML 16Page - NXP Semiconductors TDA8360 Datasheet HTML 17Page - NXP Semiconductors TDA8360 Datasheet HTML 18Page - NXP Semiconductors TDA8360 Datasheet HTML 19Page - NXP Semiconductors TDA8360 Datasheet HTML 20Page - NXP Semiconductors TDA8360 Datasheet HTML 21Page - NXP Semiconductors TDA8360 Datasheet HTML 22Page - NXP Semiconductors TDA8360 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
March 1994
19
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
VERTICAL OUTPUT (PIN 43)
IO
available output current
note 7
1
−−
mA
Iint
internal bias current of NPN emitter
follower
0.2
mA
VO(max)
maximum available output voltage
4
−−
V
VO(min)
minimum available output voltage
−−
0.3
V
VERTICAL FEEDBACK INPUT (PIN 41)
V41
DC input voltage
2.0
2.5
3.0
V
V41
AC input voltage
1
V
I41
input current
−−
15
µA
∆tp
internal pre-correction to sawtooth
note 35
3
%
∆T/∆V
temperature dependency on
amplitude
∆T = 40 °C
−−
1%
VGL
vertical guard switching level with
respect to the DC feedback level;
switching level LOW
−−−1.5
V
VGH
vertical guard switching level with
respect to the DC feedback level;
switching level HIGH
−−
+1.5
V
td
delay of scan start
power on at 60 Hz
140
ms
Colour demodulation part
CHROMINANCE AMPLIFIER
ACCcr
ACC control range
note 36
26
−−
dB
∆V
change in amplitude of the output
signals over the ACC range
−−
2dB
THRon
threshold colour killer ON
−30
−−38
dB
HYSoff
hysteresis colour killer OFF
note 7
strong input signal
S/N
≥ 40 dB
+3
dB
noisy input signal
+1
dB
ACL CIRCUIT
chrominance burst ratio at which the
ACL starts to operate
2.3
2.7
REFERENCE PART
Phase-locked loop; note 37
fCR
catching range
300
−−
Hz
∆ϕ
phase shift for a
±200 Hz deviation of
the oscillator frequency
note 7
−−
2
deg
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com