Electronic Components Datasheet Search
  English  ▼

X  

TDA8360 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA8360
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA8360 Datasheet HTML 26Page - NXP Semiconductors TDA8360 Datasheet HTML 27Page - NXP Semiconductors TDA8360 Datasheet HTML 28Page - NXP Semiconductors TDA8360 Datasheet HTML 29Page - NXP Semiconductors TDA8360 Datasheet HTML 30Page - NXP Semiconductors TDA8360 Datasheet HTML 31Page - NXP Semiconductors TDA8360 Datasheet HTML 32Page - NXP Semiconductors TDA8360 Datasheet HTML 33Page - NXP Semiconductors TDA8360 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
March 1994
30
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
handbook, full pagewidth
MBC213
SC CC
PC
30 dB
13.2 dB
3.2 dB
SC CC
PC
30 dB
13.2 dB
10 dB
BLUE
YELLOW
MBC210
ATTENUATOR
SPECTRUM
ANALYZER
TEST
CIRCUIT
CC
PC
SC
Σ
gain setting
adjusted for blue
Fig.13 Test set-up intermodulation.
Input signal conditions: SC = sound carrier; CC = colour carrier; PC = picture carrier.
All amplitudes with respect to top sync level.
Value at 0.92 or 1.1 MHz
20 log
V
O a t 3.58 or 4.4 MHz
V
O a t 0.92 or 1.1 MHz
------------------------------------------------------------
3.6 dB
+
=
Value at 2.66 or 3.3 MHz
20 log
V
O a t 3.58 or 4.4 MHz
V
O a t 2.66 or 3.3 MHz
------------------------------------------------------------
=
Fig.12 Test signal waveform.
andbook, full pagewidth
MBC211
100%
86%
72%
58%
44%
30%
64
60
56
52
48
44
40
36
32
22
12
10
26
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com