Electronic Components Datasheet Search
  English  ▼

X  

TDA8360 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8360
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8360 Datasheet HTML 18Page - NXP Semiconductors TDA8360 Datasheet HTML 19Page - NXP Semiconductors TDA8360 Datasheet HTML 20Page - NXP Semiconductors TDA8360 Datasheet HTML 21Page - NXP Semiconductors TDA8360 Datasheet HTML 22Page - NXP Semiconductors TDA8360 Datasheet HTML 23Page - NXP Semiconductors TDA8360 Datasheet HTML 24Page - NXP Semiconductors TDA8360 Datasheet HTML 25Page - NXP Semiconductors TDA8360 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
March 1994
22
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
CONTRAST CONTROL; NOTE 25 (PIN 25)
CONcr
contrast control range
see also Fig.9
20
dB
tracking between the three channels
over a control range of 10 dB
−−
0.7
dB
BRIGHTNESS CONTROL (PIN 17)
BRIcr
brightness control range
see also Fig.10
−±1
V
RGB AMPLIFIERS (PINS 18, 19 AND 20)
V18,19,20(p-p)
output signal amplitudes
(peak-to-peak value)
nominal luminance
input signal and
nominal contrast;
note 25
3.5
4.0
4.5
V
V20(p-p)
output signal amplitudes for the RED
channel (peak-to-peak value)
nominal settings for
contrast and
saturation control
and no luminance
signal to the R
−Y
signal (PAL)
3.8
4.2
4.6
V
V18,19,20
blanking level at the RGB outputs
0.5
0.6
0.8
V
V18,19,20
black level at the RGB outputs
note 25
1.2
1.3
1.4
V
Vpwl
maximum peak white level
note 42
6
V
IO
available output current
5
−−
mA
ZO
output impedance
150
−Ω
Isource
current source of output stage
1.8
2.0
mA
relative spread between the RGB
output signals
−−
5%
S/N
signal-to-noise ratio of output signals
note 43
for RGB input
note 7
60
dB
for CVBS input
note 7
50
56
dB
fres(p-p)
residual frequency at fosc in the RGB
outputs (peak-to-peak value)
note 23
−−
25
mV
fres(p-p)
residual frequency at 2fosc plus
higher harmonics in the RGB outputs
(peak-to-peak value)
−−
25
mV
Vdiff
difference in black level between the
three outputs
nominal brightness
−−
100
mV
Vbl
black level shift with picture content
note 7
0
mV
∆bl/∆T
variation of black level with
temperature
note 7
−2
0
mV/K
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com