Electronic Components Datasheet Search
  English  ▼

X  

TDA8360 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA8360
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA8360 Datasheet HTML 23Page - NXP Semiconductors TDA8360 Datasheet HTML 24Page - NXP Semiconductors TDA8360 Datasheet HTML 25Page - NXP Semiconductors TDA8360 Datasheet HTML 26Page - NXP Semiconductors TDA8360 Datasheet HTML 27Page - NXP Semiconductors TDA8360 Datasheet HTML 28Page - NXP Semiconductors TDA8360 Datasheet HTML 29Page - NXP Semiconductors TDA8360 Datasheet HTML 30Page - NXP Semiconductors TDA8360 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
March 1994
27
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
Table 1 Audio and CVBS switch selection.
Table 2 Output current of phase detector.
QUALITY SPECIFICATION
Quality level in accordance with UZW B0/FQ-0601.
Note
1. All pins are protected against ESD by means of internal clamping diodes.
LEVEL
(pin 16)
INTERNAL
CVBS
EXTERNAL
CVBS/Y
CHROMINANCE
CHROMINANCE TRAP
AUDIO
DC
≤ 0.5 V
ON
OFF
OFF
ON
internal
3
≤ DC ≤ 5 V
OFF
ON (Y)
ON
OFF
external
DC
≥ 7.5 V
OFF
ON (CVBS)
OFF
ON
external
CURRENT
Φ1 DURING
SCAN (
µA)
VERTICAL RETRACE (
µA)
GATED YES/NO
Weak signal and synchronized
30
30
YES (5.7
µs)
Strong signal and synchronized
180
270
NO
Not synchronized
180
270
NO
No video identification
6
6
NO
SYMBOL
PARAMETER
RANGE A
RANGE B
UNIT
ESD
protection circuit specification (note 1)
2000
200
V
100
200
pF
1500
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com