Electronic Components Datasheet Search
  English  ▼

X  

TDA8360 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA8360
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA8360 Datasheet HTML 20Page - NXP Semiconductors TDA8360 Datasheet HTML 21Page - NXP Semiconductors TDA8360 Datasheet HTML 22Page - NXP Semiconductors TDA8360 Datasheet HTML 23Page - NXP Semiconductors TDA8360 Datasheet HTML 24Page - NXP Semiconductors TDA8360 Datasheet HTML 25Page - NXP Semiconductors TDA8360 Datasheet HTML 26Page - NXP Semiconductors TDA8360 Datasheet HTML 27Page - NXP Semiconductors TDA8360 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
March 1994
24
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
11. Measured with a source impedance of 75
Ω, where:
12. To obtain a good noise immunity of the AGC circuit the AGC detector is gated during the sync pulse. This gating is
switched off during the vertical retrace to avoid disturbances of the signal amplitude due to phase errors of the
incoming video signal which are caused by the head-switching of VCRs.
13. When the leakage current of the capacitor exceeds this value it will result in a reduced performance of the AGC
(amplitude variation during line or frame) but it will not result in a hang-up situation.
14. The AFC slope is directly related to the Q-factor of the demodulator tuned circuit. The given AFC steepness is
obtained with a Q-factor of 60. When a lower steepness is required this can be obtained by connecting an external
resistor to the AFC output (the output impedance is 50 k
Ω). The AFC off-set is tested with a double sideband input
signal and with the reference tuned circuit tuned to minimum AGC voltage (optimum tuning for the demodulator).
15. For positive modulated signals the FM sound demodulator for the sound is not required. This is because the sound
signal is amplitude modulated. Therefore the TDA8362 can be switched to positive modulation via the de-emphasis
pin (pin 1). When switched to positive modulation the audio switch is set to ‘external’ so that the demodulated audio
signal can be supplied to the input. The option between AM sound and SCART audio signals is achieved by means
of an external switch.
16. The sound IF input is combined with the AF volume control. The IF signal is internally AC coupled to the limiter
amplifier. The volume control voltage must be supplied to this pin via a resistor.
17. VI = 100 mV RMS; FM: 1 kHz, ∆f = ±50 kHz.
18. VI = 50 mV RMS, f = 4.5/5.5 MHz;
FM: 70 Hz
±50 kHz deviation
AM: 1 kHz at 30% modulation.
19. VI = 100 mV RMS, 5.5 MHz; FM: 1 kHz, ±17.5 kHz deviation; 15 kHz bandwidth; audio attenuator at −6 dB.
20. Audio attenuator at
−20 dB; temperature range 10 to 50 °C.
21. In the TDA8361 and TDA8362 the audio and CVBS switches are controlled via the chrominance input pin.
Table 1 lists the various possibilities.
When the DC voltage has a value between 3 and 5 V the switches are set to the S-VHS position. The chrominance
trap is then switched off and separate Y and chrominance signals have to be applied to the inputs (the audio switch
is set to external in this condition). The audio switch is also set to external when the IF amplifier is switched to positive
modulation (see also note 15).
22. Signal with negative-going sync. Amplitude includes sync pulse amplitude.
23. This parameter is measured at nominal settings of the various control voltages.
24. Burst amplitude; for a colour bar with 75% saturation the chrominance signal amplitude is 660 mV (p-p).
25. Nominal contrast is specified as maximum contrast
−3 dB. Nominal saturation as maximum −12 dB. The nominal
brightness control voltage is 2.5 V.
26. When the data blanking input pulse exceeds a level of 4 V the RGB outputs are blanked. In this condition it is possible
to supply ‘On-Screen-Display’ signals to the outputs. This blanking overrules both the internal and external
RGB signals.
27. The
−3 dB bandwidth of the circuit can be calculated by means of the following equation:
S/N = 20 log
V
O (black-to-white)
V
m rms
() B = 5 MHz
()
---------------------------------------------------------
f
3dB
f
osc 1
1
2Q
--------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com