Electronic Components Datasheet Search
  English  ▼

X  

TDA8360 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA8360
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA8360 Datasheet HTML 21Page - NXP Semiconductors TDA8360 Datasheet HTML 22Page - NXP Semiconductors TDA8360 Datasheet HTML 23Page - NXP Semiconductors TDA8360 Datasheet HTML 24Page - NXP Semiconductors TDA8360 Datasheet HTML 25Page - NXP Semiconductors TDA8360 Datasheet HTML 26Page - NXP Semiconductors TDA8360 Datasheet HTML 27Page - NXP Semiconductors TDA8360 Datasheet HTML 28Page - NXP Semiconductors TDA8360 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
March 1994
25
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
28. The amplitude response curve can be expressed as follows:
A(f) = 1 + K1
− cos (180 x f/3.1 MHz)
and is realised with a transversal peaking filter having delay sections of 160 ns each. In the ‘neutral’ setting K = 0
and in the minimum setting K =
−0.5.
The peaking signal amplifier is linear for 250 ns step input signals up to 50 IRE units. For higher amplitudes the
marginal gain is reduced. When the horizontal PLL is not synchronized (no signal present at the video input) the
peaking control voltage is pulled down by means of an internal current. This information can be used to detect
whether an input signal is available.
29. Slicing level independent of sync pulse amplitude.
30. The horizontal and vertical sync are stable while processing Copy Guard signals and signals with phase shifted sync
pulses (stretched tapes). Trick mode conditions of the VCR will also not disturb the synchronization. The value given
is the delay caused by the vertical sync pulse integrator. The integrator has been designed such that the vertical sync
is not disturbed for special anti-copy tapes with vertical sync pulses with an on/off time of 10/22
µs.
31. To obtain a good performance for both weak signal and VCR playback the time constant of the first control loop is
switched depending on the input signal condition. Therefore the circuit contains a noise detector and the time
constant is switched to ‘slow’ when excessive noise is present in the signal (only when the internal video signal is
selected, when the video switch is in the external mode the time constant is always ‘fast’). In the ‘fast’ mode during
the vertical retrace time the phase detector current is increased 50% so that phase errors due to head-switching of
the VCR are corrected as soon as possible.
When no video signal is received the time constant of the first loop is switched to ‘very slow’. This ensures a stable
OSD when the receiver is switched to a channel without transmitter.
The output current of the phase detector for the various conditions is shown in Table 2.
32. Picture shift can be obtained by means of a variable external load on the second phase detector. The control range
is
±2 µs; the required current for this phase shift is ±6 µA.
33. The vertical blanking pulse in the RGB outputs has a width of 22 or 17.5 lines (50 or 60 Hz system). The width of the
vertical sync pulse in the sandcastle pulse is 14 lines. This is to prevent a phase distortion on top of the picture due
to a timing modulation of the incoming flyback pulse.
34. The timing pulses for the vertical ramp generator are obtained from the horizontal oscillator via a divider circuit.
This divider circuit has 2 search modes of operation:
The ‘large window’ mode is switched on when the circuit is not synchronized or, when a non-standard signal is
received (the number of lines per frame in the 50 Hz mode is between 311 and 314 and in the 60 Hz mode between
261 and 264). In the search mode the divider can be triggered between line 244 and line 361 (approximately
45 to 64.5 Hz)
The ‘narrow window’ mode is switched on when more than 15 successive vertical sync pulses are detected in the
narrow window. When the circuit is in the standard mode and a vertical sync pulse is missing the retrace of the
vertical ramp generator is started at the end of the window. Consequently, the disturbance of the picture is very small.
The circuit will switch back to the search window when, for 6 successive vertical periods, no sync pulses are found
within the window.
35. This precorrection is intended to compensate for non-linearity of AC coupled vertical output stages. The value given
indicates the amplitude of the correction waveform with respect to the sawtooth amplitude.
36. At a chrominance input voltage (related to CVBS2) of 660 mV (p-p) (colour bar with 75% saturation i.e. burst signal
amplitude 300 mV (p-p)) the dynamic range of the ACC is +6 and
−20 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com