Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 15Page - Advanced Micro Devices AM79C940 Datasheet HTML 16Page - Advanced Micro Devices AM79C940 Datasheet HTML 17Page - Advanced Micro Devices AM79C940 Datasheet HTML 18Page - Advanced Micro Devices AM79C940 Datasheet HTML 19Page - Advanced Micro Devices AM79C940 Datasheet HTML 20Page - Advanced Micro Devices AM79C940 Datasheet HTML 21Page - Advanced Micro Devices AM79C940 Datasheet HTML 22Page - Advanced Micro Devices AM79C940 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
Am79C940
19
PIN DESCRIPTION
Network Interfaces
The MACE device has five potential network inter-
faces. Only one of the interfaces that provides physical
network attachment can be used (active) at any time.
Selection between the AUI, 10BASE-T, DAI or GPSI
ports is provided by programming the PHY Configura-
tion Control register. The EADI port is effectively active
at all times. Some signals, primarily used for status
reporting, are active for more than one single interface
(the CLSN pin for instance). Under each of the descrip-
tions for the network interfaces, the primary signals
which are unique to that interface are described.
Where signals are active for multiple interfaces, they
are described once under the interface most appropri-
ate.
Attachment Unit Interface (AUI)
CI+/CI
Control In (Input)
A differential input pair, signaling the MACE device that
a collision has been detected on the network media, in-
dicated by the CI
± inputs being exercised with 10 MHz
pattern of sufficient amplitude and duration. Operates
at pseudo-ECL levels.
DI+/DI
Data In (Input)
A differential input pair to the MACE device for receiv-
ing Manchester encoded data from the network.
Operates at pseudo-ECL levels.
DO+/DO
Data Out (Output)
A differential output pair from the MACE device for
transmitting Manchester encoded data to the network.
Operates at pseudo-ECL levels.
Digital Attachment Interface (DAI)
TXDAT+/TXDAT–
Transmit Data (Output)
When the DAI port is selected, TXDAT
± are configured
as a complementary pair for Manchester encoded data
output from the MACE device, used to transmit data to
a local external network transceiver. During valid trans-
mission (indicated by TXEN low), a logical 1 is indi-
cated by the TXDAT+ pin being in the high state and
TXDAT– in the low state; and a logical 0 is indicated by
the TXDAT+ pin being in the low state and TXDAT– in
the high state. During idle (TXEN high), TXDAT+ will be
in the high state, and TXDAT– in the low state. When
the GPSI port is selected, TXDAT+ will provide NRZ
data output from the MAC core, and TXDAT– will be
held in the LOW state. Operates at TTL levels. The
operations of TXDAT+ and TXDAT– are defined in the
following tables:
TXDAT + Configuration
TXDAT – Configuration
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. This pin should be externally terminated, if unused, to reduce power consumption.
SLEEP
PORTSEL
[1-0]
ENDPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
High Impedance (Note 2)
1
01
1
10BASE–T
High Impedance (Note 2)
1101
DAI Port
TXDAT+ Output
1111
GPSI
TXDAT+ Output
1
XX
0
Status Disabled
High Impedance (Note 2)
SLEEP
PORTSEL
[1-0]
ENDPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
High Impedance
1
01
1
10BASE–T
High Impedance
1101
DAI Port
TXDAT– Output
1111
GPSI
LOW
1
XX
0
Status Disabled
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com