Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C940 Datasheet HTML 1Page - Advanced Micro Devices AM79C940 Datasheet HTML 2Page - Advanced Micro Devices AM79C940 Datasheet HTML 3Page - Advanced Micro Devices AM79C940 Datasheet HTML 4Page - Advanced Micro Devices AM79C940 Datasheet HTML 5Page - Advanced Micro Devices AM79C940 Datasheet HTML 6Page - Advanced Micro Devices AM79C940 Datasheet HTML 7Page - Advanced Micro Devices AM79C940 Datasheet HTML 8Page - Advanced Micro Devices AM79C940 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
FINAL
Publication# 16235
Rev: E Amendment/0
Issue Date: May 2000
Am79C940
Media Access Controller for Ethernet (MACE™)
DISTINCTIVE CHARACTERISTICS
s Integrated Controller with Manchester
encoder/decoder and 10BASE-T transceiver
and AUI port
s Supports IEEE 802.3/ANSI 8802-3 and Ethernet
standards
s 84-pin PLCC and 100-pin PQFP Packages
s 80-pin Thin Quad Flat Pack (TQFP) package
available for space critical applications such as
PCMCIA
s Modular architecture allows easy tuning to
specific applications
s High speed, 16-bit synchronous host system
interface with 2 or 3 cycles/transfer
s Individual transmit (136 byte) and receive (128
byte) FlFOs provide increase of system latency
and support the following features:
— Automatic retransmission with no FIFO
reload
— Automatic receive stripping and transmit
padding (individually programmable)
— Automatic runt packet rejection
— Automatic deletion of collision frames
— Automatic retransmission with no FIFO
reload
s Direct slave access to all on board
configuration/status registers and transmit/
receive FlFOs
s Direct FIFO read/write access for simple
interface to DMA controllers or l/O processors
s Arbitrary byte alignment and little/big endian
memory interface supported
s Internal/external loopback capabilities
s External Address Detection Interface (EADI
)
for external hardware address filtering in
bridge/router applications
s JTAG Boundary Scan (IEEE 1149.1) test access
port interface for board level production test
s Integrated Manchester Encoder/Decoder
s Digital Attachment Interface (DAI
) allows
by-passing of differential Attachment Unit
Interface (AUI)
s Supports the following types of network
interface:
— AUI to external 10BASE2, 10BASE5 or
10BASE-F MAU
— DAI port to external 10BASE2, 10BASE5,
10BASE-T, 10BASE-F MAU
— General Purpose Serial Interface (GPSI) to
external encoding/decoding scheme
— Internal 10BASE-T transceiver with
automatic selection of 10BASE-T or AUI port
s Sleep mode allows reduced power consump-
tion for critical battery powered applications
s 5 MHz-25 MHz system clock speed
s Support for operation in industrial temperature
range (–40
°C to +85°C) available in all three
packages
GENERAL DESCRIPTION
The Media Access Controller for Ethernet (MACE) chip
is a CMOS VLSI device designed to provide flexibility
in customized LAN design. The MACE device is specif-
ically designed to address applications where multiple
I/O peripherals are present, and a centralized or sys-
tem specific DMA is required. The high speed, 16-bit
synchronous system interface is optimized for an exter-
nal DMA or I/O processor system, and is similar to
many existing peripheral devices, such as SCSI and
serial link controllers.
The MACE device is a slave register based peripheral.
All transfers to and from the system are performed
using simple memory or I/O read and write commands.
In conjunction with a user defined DMA engine, the
MACE chip provides an IEEE 802.3 interface tailored
to a specific application. Its superior modular architec-
ture and versatile system interface allow the MACE
device to be configured as a stand-alone device or
as a connectivity cell incorporated into a larger,
integrated system.


Similar Part No. - AM79C940

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
Media Access Controller for Ethernet (MACE)
logo
Pulse A Technitrol Comp...
AM79C940 PULSE-AM79C940 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Rochester Electronics
Am79C940B-16JC ROCHESTER-Am79C940B-16JC Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940B-25JC ROCHESTER-Am79C940B-25JC Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940BJC ROCHESTER-Am79C940BJC Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
More results

Similar Description - AM79C940

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
Media Access Controller for Ethernet (MACE)
logo
Infineon Technologies A...
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
logo
ATMEL Corporation
AT76C504A ATMEL-AT76C504A Datasheet
41Kb / 3P
802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
11-megabit WLAN Media Access Controller MAC
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
BMAC Device (FDDI Media Access Controller)
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Rochester Electronics
79C940 ROCHESTER-79C940 Datasheet
630Kb / 13P
Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
Quad Gigabit Ethernet Media Access Controller
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
10/100 Mb/s Integrated PCI Ethernet Media Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com