Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 73Page - Advanced Micro Devices AM79C940 Datasheet HTML 74Page - Advanced Micro Devices AM79C940 Datasheet HTML 75Page - Advanced Micro Devices AM79C940 Datasheet HTML 76Page - Advanced Micro Devices AM79C940 Datasheet HTML 77Page - Advanced Micro Devices AM79C940 Datasheet HTML 78Page - Advanced Micro Devices AM79C940 Datasheet HTML 79Page - Advanced Micro Devices AM79C940 Datasheet HTML 80Page - Advanced Micro Devices AM79C940 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 144 page
background image
77
8
IR
Interrupt Register
80
JAB
Jabber Error–Excessive transmit during (20–150ms)
40
BABL
Babble Error➔ 1518 bytes transmitted
20
CERR
Collision Error–No SQE Test Message
10
RCVCCO
Receive Collision Count Overflow–Red Add 27 overflow
08
RNTPCO
Runt Packet Count Overflow–Reg Addr 26 overflow
04
MPCO
Missed Packet Count Overflow–Reg Addr 24 overflow
02
RCVINT
Receive Interrupt–Host has read last byte of packet
01
XMTINT
Transmit Interrupt–Transmission is complete
RO
9
IMR
Interrupt Mask Register
80
JABM
Jabber Error Mask
40
BABLM
Babble Error Mask
20
CERRM
Collision Error Mask
10
RCVCCOM
Receive Collision Count Overflow Mask
08
RNTPCOM
Runt Packet Count Overflow Mask
04
MPCOM
Missed Packet Count Overflow Mask
02
RCVINTM
Receive Interrupt Mask
01
XMTINTM
Transmit Interrupt Mask
R/W
10
PR
Poll Register
80
XMTSV
Transmit Status Valid
40
TDTREQ
Transmit Data Transfer Request
20
RDTREQ
Receive Data Transfer Request
RO
11
BIUCC
Bus Interface Unit Configuration Control
80
–
40
BSWP
Byte Swap
30
XMTSP–Transmit Start Point (2 bits)
00
Transmit after 4 bytes have been loaded
01
Transmit after 16 bytes have been loaded
10
Transmit after 64 bytes have been loaded
11
Transmit after 112 bytes have been loaded
01
SWRST
Software Reset
R/W
Addr Mnemonic
Contents
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com