Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 6Page - Advanced Micro Devices AM79C940 Datasheet HTML 7Page - Advanced Micro Devices AM79C940 Datasheet HTML 8Page - Advanced Micro Devices AM79C940 Datasheet HTML 9Page - Advanced Micro Devices AM79C940 Datasheet HTML 10Page - Advanced Micro Devices AM79C940 Datasheet HTML 11Page - Advanced Micro Devices AM79C940 Datasheet HTML 12Page - Advanced Micro Devices AM79C940 Datasheet HTML 13Page - Advanced Micro Devices AM79C940 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
10
Am79C940
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of:
Valid Combinations
The Valid Combinations table lists configurations planned to
be supported in volume for this device. Consult the local AMD
sales office to confirm availability of specific valid
combinations and to check on newly released combinations.
Note:
Currently the silicon revision level of the MACE Ethernet controller is revision C0. This is designated by the marking on the package
as Am79C940Bxx, where “xx” indicate package type and temperature range.
AM79C940
OPTIONAL PROCESSING
Blank
=
Standard Processing
TEMPERATURE RANGE
C=
Commercial (0
° to +70°C)
I
=
Industrial (-40
°C to +85°C)
PACKAGE TYPE (per Prod. Nomenclature/16-038)
J
=
84-Pin Plastic Leaded Chip Carrier (PL 084)
K =
100-Pin Plastic Quad Flat Pack (PQR100)
V =
80-Pin Thin Quad Flat Package (PQT080)
SPEED
Not Applicable
DEVICE NUMBER/DESCRIPTION (include revision letter)
Am79C940
Media Access Controller for Ethernet
VC
ALTERNATE PACKAGING OPTION
\W = Trimmed and Formed in a Tray
\W
Valid Combinations
AM79C940
JC, KC,
KC\W, VC,
VC\W
AM79C940
JI, KI,
KI\W, VI,
VI\W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com