Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 108Page - Advanced Micro Devices AM79C940 Datasheet HTML 109Page - Advanced Micro Devices AM79C940 Datasheet HTML 110Page - Advanced Micro Devices AM79C940 Datasheet HTML 111Page - Advanced Micro Devices AM79C940 Datasheet HTML 112Page - Advanced Micro Devices AM79C940 Datasheet HTML 113Page - Advanced Micro Devices AM79C940 Datasheet HTML 114Page - Advanced Micro Devices AM79C940 Datasheet HTML 115Page - Advanced Micro Devices AM79C940 Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 144 page
background image
112
RDCLK
SRD
SF/BD
Byte 66
(Data Byte 53)
EAR
Byte 64
(Data Byte 51)
Byte 65
(Data Byte 52)
91
85
89
86
BIT
0
BIT
1
BIT
2
BIT
3
BIT
4
BIT
5
BIT
6
BIT
7
BIT
0
BIT
5
BIT
6
BIT
7
BIT
4
BIT
1
EADI Feature Reject Timing
16235D-46
STDCLK
TXDAT+
TXEN
RXCRS
72
73
20
21
19
18
17
71
70
Note 1
GPSI Transmit Timing
16235D-47
Note: During transmit, the RXCRS input must be asserted (high) and remain active-high after TXEN goes active (high). If
RXCRS is deasserted before TXEN is deasserted, LCAR will be reported (Transmit Frame Status) after the transmission is
completed by the MACE device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com