Electronic Components Datasheet Search
  English  ▼

X  

AM79C940 Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 114Page - Advanced Micro Devices AM79C940 Datasheet HTML 115Page - Advanced Micro Devices AM79C940 Datasheet HTML 116Page - Advanced Micro Devices AM79C940 Datasheet HTML 117Page - Advanced Micro Devices AM79C940 Datasheet HTML 118Page - Advanced Micro Devices AM79C940 Datasheet HTML 119Page - Advanced Micro Devices AM79C940 Datasheet HTML 120Page - Advanced Micro Devices AM79C940 Datasheet HTML 121Page - Advanced Micro Devices AM79C940 Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 144 page
background image
118
PHYSICAL DIMENSIONS*
PQR100
100-Pin Plastic Quad Flat Pack; Trimmed and Formed (measured in millimeters)
0.22
0.38
13.90
14.10
17.10
17.30
18.85
REF
19.90
20.10
23.00
23.40
0.65
BASIC
Pin 1 I.D.
12.35
REF
2.70
2.90
3.35
MAX
0.70
0.90
0.25
MIN
TOP VIEW
SIDE VIEW
17198A
CG 47
7/14/92 SG
30
50
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com