Electronic Components Datasheet Search
  English  ▼

X  

TSC1214 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC1214
Description  Low-side digital power monitor, with I²C bus interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1214 Datasheet(HTML) 5 Page - STMicroelectronics

  TSC1214 Datasheet HTML 1Page - STMicroelectronics TSC1214 Datasheet HTML 2Page - STMicroelectronics TSC1214 Datasheet HTML 3Page - STMicroelectronics TSC1214 Datasheet HTML 4Page - STMicroelectronics TSC1214 Datasheet HTML 5Page - STMicroelectronics TSC1214 Datasheet HTML 6Page - STMicroelectronics TSC1214 Datasheet HTML 7Page - STMicroelectronics TSC1214 Datasheet HTML 8Page - STMicroelectronics TSC1214 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
4
Typical performance curves
TA = 25 °C VS = 3.3 V, unless otherwise stated.
Figure 3. Standby current vs. temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
VS = 4.5 V
Figure 4. Current measurement accuracy vs. temperature
-0.4
-0.2
0
0.2
0.4
0.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 80 mV
Figure 5. Oscillator frequency accuracy vs. temperature
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
Temperature (°C)
Figure 6. Supply voltage measurement accuracy vs.
temperature
-0.4
-0.2
0
0.2
0.4
0.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.5 V
TSC1214
Typical performance curves
DS14731 - Rev 1
page 5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com