Electronic Components Datasheet Search
  English  ▼

X  

TSC1214 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC1214
Description  Low-side digital power monitor, with I²C bus interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1214 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC1214 Datasheet HTML 1Page - STMicroelectronics TSC1214 Datasheet HTML 2Page - STMicroelectronics TSC1214 Datasheet HTML 3Page - STMicroelectronics TSC1214 Datasheet HTML 4Page - STMicroelectronics TSC1214 Datasheet HTML 5Page - STMicroelectronics TSC1214 Datasheet HTML 6Page - STMicroelectronics TSC1214 Datasheet HTML 7Page - STMicroelectronics TSC1214 Datasheet HTML 8Page - STMicroelectronics TSC1214 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3
Electrical characteristics
2.7 V < VS < 4.5 V, -20 °C < Ta < 70 °C.
Table 4. Electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max
Unit
SUPPLY
ICC
Operating current consumption
Average value over 4 s
100
µA
Isdty
Standby current consumption
Standby mode, input = 0 V
2
µA
Ipdn
Power down current consumption
VS < UVLOth, input = 0 V
1
µA
UVLOth
Undervoltage threshold
VS decreasing
2.5
2.6
2.7
V
UVLOhyst
Undervoltage threshold hysteresis
100
mV
POR
Power On Reset threshold
VS decreasing
2
V
Current sense ADC
VIN
Input voltage range
-80
+80
mV
IIN
Input current for IN pin
500
nA
LSBI
1 LSB step size for current sense
ADC
14 bits
11.77
µV
ADCI_offset Current sense ADC offset
IN = 0 V
-3
+3
LSB
ADCI_time
Current sense ADC conversion
time
32768 Hz clock
500
ms
ADCI_acc
Current sense ADC gain error
@ 25 °C
0.5
%
-20 °C < Ta < 70 °C
1
FOSC
Internal time base frequency
ROSC = 200 kΩ, 0.1%
32768
Hz
Osc_acc
Internal time base accuracy
Vs = 3.6 V, 25 °C
2
%
2.7 V < VS < 4.5 V and -20 °C < Ta < 70 °C
2.5
Supply voltage and temperature sensor characteristics
VS
Supply voltage input range
2.7
4.5
V
LSBV
LSB step size for supply voltage
ADC
2.44
mV
LSBT
LSB step size for temperature
sensor
0.125
°C
ADCV_time
Supply voltage ADC conversion
time
32768 Hz clock
250
ms
ADCV_acc
Supply voltage ADC gain error
2.7 V < VS < 4.5 V
-0.5
+0.5
%
Temp_acc
Temperature sensor accuracy
-3
+3
°C
Digital characteristics (SCL, SDA)
VIH
Input high voltage
1.2
V
VIL
Input low voltage
0.35
VOL
Low-level output voltage
SDA ; IOL = 4 mA
0.4
V
TSC1214
Electrical characteristics
DS14731 - Rev 1
page 4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com