Electronic Components Datasheet Search
  English  ▼

X  

TSC1214 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC1214
Description  Low-side digital power monitor, with I²C bus interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1214 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC1214 Datasheet HTML 3Page - STMicroelectronics TSC1214 Datasheet HTML 4Page - STMicroelectronics TSC1214 Datasheet HTML 5Page - STMicroelectronics TSC1214 Datasheet HTML 6Page - STMicroelectronics TSC1214 Datasheet HTML 7Page - STMicroelectronics TSC1214 Datasheet HTML 8Page - STMicroelectronics TSC1214 Datasheet HTML 9Page - STMicroelectronics TSC1214 Datasheet HTML 10Page - STMicroelectronics TSC1214 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
5.2
I²C interface
5.2.1
Read and write operations
The interface is used to control and read the registers. It is compatible with the Philips I2C registered trademark
(version 2.1). It is a target serial interface with a serial data line (SDA) and a serial clock line (SCL).
•
SCL: input clock used to shift data
•
SDA: input/output bidirectional data transfers
A filter rejects the potential spikes on the bus data line to preserve data integrity.
The bidirectional data line supports transfers up to 400 kbit/s (fast mode). The data is shifted to and from the chip
on the SDA line, MSB first.
The first bit must be high (START) followed by the device address and read/write bit control. The TSC1214
address is 70 h followed by the R/W bit. The TSC1214 then sends an acknowledgement the end of an 8-bit long
sequence. The next 8 bits correspond to the register address followed by another acknowledgement.
TSC1214
Application information
DS14731 - Rev 1
page 7/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com