Electronic Components Datasheet Search
  English  ▼

X  

TSC1214 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSC1214
Description  Low-side digital power monitor, with I²C bus interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1214 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSC1214 Datasheet HTML 5Page - STMicroelectronics TSC1214 Datasheet HTML 6Page - STMicroelectronics TSC1214 Datasheet HTML 7Page - STMicroelectronics TSC1214 Datasheet HTML 8Page - STMicroelectronics TSC1214 Datasheet HTML 9Page - STMicroelectronics TSC1214 Datasheet HTML 10Page - STMicroelectronics TSC1214 Datasheet HTML 11Page - STMicroelectronics TSC1214 Datasheet HTML 12Page - STMicroelectronics TSC1214 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
5.3
Register map
The register space provides 8 control registers. The mapping of registers is shown in Table 9, with a detailed of
registers 0 (REG_MODE) and 1 (REG_CTRL) shown in Table 10 and Table 11. All registers are reset to default
values at power-on or reset, and the PORDET bit in register REG_CTRL is used to indicate the occurrence of a
power-on-reset.
Table 9. Register map
Control Register name
Type
Address (decimal)
Description
REG_MODE
R/W
0
Mode register
REG_CTRL
R/W
1
Control and status register
REG_CURRENT_LOW
R
6
Load current value, bits 0-7
REG_CURRENT_HIGH
R
7
Load current value, bits 8-15
REG_VOLTAGE_LOW
R
8
Power supply voltage value, bits 0-7
REG_VOLTAGE_HIGH
R
9
Power supply voltage value, bits 8-15
REG_TEMPERATURE_LOW
R
10
Temperature value, bits 0-7
REG_TEMPERATURE_HIGH
R
11
Temperature value, bits 8-15
Values held in consecutive registers (such as the current value in the REG_CURRENT_LOW and
REG_CURRENT_HIGH registers) must be read with a single I²C access to ensure data integrity. It is possible to
read multiple values in one I²C access, all values are consistent.
The load current is coded in 2’s complement format, and the LSB value is 11.77 µV.
The power supply voltage is coded in binary format, and the LSB value is 2.44 mV.
The temperature value is coded in 2’s complement format, and the LSB value is 0.125 °C.
The temperature of 0 °C corresponds to code 0
Table 10. REG_MODE – address 0
Bit name
Pos.
Type
Def.
Description
[3..0]
0
Unused bits.
DEVICE_ON
4
0
0: standby mode. The TSC1214 is in low power mode
and conversion is not operating. When the TSC1214
is powered on, by default it is set to standby mode.
1: operating mode. To start conversion, the
DEVICE_ON bit must be set to 1.
[7..5]
0
Unused bits.
Table 11. REG_CONTROL – address 1
Bit name
Pos.
Type
Def.
Description
[3..0]
0
Unused bits.
POR_DETECT
4
R
1
Power on reset (POR) detection bit:
0 = no POR event occurred,
1 = POR event occurred.
W
0
Soft reset:
0 = release the soft-reset and clear the POR
detection bit, 1 = assert the soft-reset and set
the
POR detection bit.
[7..5]
Unused bits.
TSC1214
Application information
DS14731 - Rev 1
page 9/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com