Electronic Components Datasheet Search
  English  ▼

X  

TSC1214 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC1214
Description  Low-side digital power monitor, with I²C bus interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1214 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC1214 Datasheet HTML 2Page - STMicroelectronics TSC1214 Datasheet HTML 3Page - STMicroelectronics TSC1214 Datasheet HTML 4Page - STMicroelectronics TSC1214 Datasheet HTML 5Page - STMicroelectronics TSC1214 Datasheet HTML 6Page - STMicroelectronics TSC1214 Datasheet HTML 7Page - STMicroelectronics TSC1214 Datasheet HTML 8Page - STMicroelectronics TSC1214 Datasheet HTML 9Page - STMicroelectronics TSC1214 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
5
Application information
Figure 7. Typical application schematics using TSC1214
Table 5. External components list
Name
Value
Tolerance
Comments
RSHUNT
10 mΩ to 50 mΩ
1%
Shunt resistor to sense the current
ROSC
200 kΩ
0.1%
Internal oscillator bias resistor
C1
1 µF
-
Supply decoupling capacitance
5.1
Functional description
5.1.1
Digital current sensing
The TSC1214 is a current, voltage, and temperature digital monitor. The low-side bidirectional current is
measured through a shunt resistor placed between the IN pad and the ground. The current sense 14-bit ADC has
a 500 ms conversion time. The ADC output is in two’s complement format. When a conversion cycle is completed,
the value is stored in the REG_CURRENT registers (see Table 9), and can be read by the controller. Those
registers are updated at the end of each conversion.
5.1.2
Supply voltage and temperature monitoring
The power supply voltage and chip temperature (close to the load temperature) are measured by means of an 11-
bit ADC and a multiplexer. This takes place concurrently with the current sensing with a dedicated A/D converter,
which means that it does not affect the performance of the current sensing. To reduce the power consumption, a
conversion takes place only every two seconds, alternatively for load voltage and temperature (so each value is
refreshed every four seconds).
The conversion cycle time is 250 ms. The resolution is 2.44 mV for the power supply voltage and 0.125 °C for the
temperature.
When a conversion cycle is completed, the values are stored respectively in the REG_VOLTAGE and
REG_TEMPERATURE registers (see Table 9).
TSC1214
Application information
DS14731 - Rev 1
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com